Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR820M2 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SR820M2
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SR820M2 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  SR820M2 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SR820M2 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES SR820M2 THRU SR8200M2
0.1
1.0
125
130
135
140
145
150
40
0.2
1.0
2.0
5.0
10
20
50
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
0.1
0.4
1.0
10
40 60
100
100
200
1000
2000
4000
FIG.4-TYPICAL JUNCTION CAPACITANCE
FIG.5-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG.2-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG.3-TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
REVERSE VOLTAGE (VOLTS)
NUMBER OF CYCLES AT 60Hz
SR8100M2-SR8200M2
SR820M2-SR860M2
T =25 C
PULSE WIDTH=300 S
1% DUTY CYCLE
J
°
SR8100M2-SR8200M2
SR820M2-SR860M2
0
50
100
150
0
2.0
6.0
4.0
10
8.0
FIG.1-FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE ( C)
°
SINGLE PHASE
HALF WAVE 50Hz
I
RESISTIVE LOAD
NDUCTIVE OR
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method)
10
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
22
-
0.001
0.01
0.1
1.0
10
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE ( )
%
SR820M2-SR860M2
SR8100M2-SR8200M2
T =25 C
C
°
T =75 C
C
°
T =150 C
C
°
T =125 C
C
°


Similar Part No. - SR820M2

ManufacturerPart #DatasheetDescription
logo
Jinan Jing Heng Electro...
SR820M1 JINGHENG-SR820M1 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR820M2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com