Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR820 Datasheet(PDF) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # SR820
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

SR820 Datasheet(HTML) 1 Page - Jinan Jing Heng Electronics Co., Ltd.

  SR820 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. SR820 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JF
SR860
SR820 THRU SR8200
SCHOTTKY BARRIER RECTIFIER
Reverse Voltage - 20 to 200 Volts
Forward Current - 8.0Amperes
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Notes: 1.Pulse test: 300 s pulse width,1% duty cycle
(Ratings at 25 C ambient temperature unless otherwise specified ,Single phase ,half wave ,resistive or inductive
load. For capacitive load,derate by 20%.)
°
2.Thermal resistance from junction to case
R
SEMICONDUCT OR
FEATURES
MECHANICAL DATA
Plastic package has Underwriters Laboratory Flammability Classification 94V-0
Metal silicon junction ,majority carrier conduction
Guard ring for overvoltage protection
Low power loss ,high efficiency
High current capability ,Low forward voltage drop
Single rectifier construction
High surge capability
For use in low voltage ,high frequency inverters,
free wheeling ,and polarity protection applications
High temperature soldering guaranteed:2 0 C/10 seconds,
0.25"(6.35mm)from case
6
Component in accordance to RoHS 2011 65 EU
°
//
Case: JEDEC TO-220AC molded plastic body
Terminals: Lead solderable per MIL-STD-750,method 2026
Polarity: As marked
Any
Mounting Position:
Maximum repetitive peak reverse voltage
VRRM
Volts
Volts
Volts
Volts
m
A
Amps
Amps
VRMS
VDC
I(AV)
IFSM
TSTG
VF
IR
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
(see Fig.1)
Maximum instantaneous forward voltage
at 8.0 A(Notes 1 )
Typical thermal
(Note 2)
resistance
s
Operating junction temperature range
Storage temperature range
Maximum instantaneous reverse
current at rated DC blocking
voltage(Notes 1)
Peak forward surge current 8.3ms single half
sine-wave superimposed on rated load
(JEDEC method)
-55 to+150
2.5
200
5
-
°C/W
°C
°C
TJ
20
14
20
30
21
30
40
28
40
60
42
60
100
70
100
8.0
150.0
Symbols
Units
SR
820
SR
830
SR
840
SR
860
SR
8100
SR
8200
SR
8150
150
105
150
200
140
200
060
.
0.75
0.85
0.95
0.90
Dimensions in inches and (millimeters)
TO-220AC
1.161(29.50)
0.159(4.05)
0.208(5.28)
0.037(0.94)
0.113(2.88)
0.161(4.10)
0.610(15.50)
0.114(2.90)
0.055(1.39)
0.185(4.70)
0.283(7.20)
0.560(14.22)
0.023(0.58)
1.106(28.10)
0.140(3.55)
0.192(4.88)
0.027(0.68)
0.102(2.60)
0.147(3.74)
DIA
0.571(14.50)
0.098(2.50)
0.045(1.14)
0.175(4.44)
0.244(6.20)
0.512(13.00)
0.014(0.35)
0.053(1.34)
0.047(1.20)
PIN
1
2
0.388(9.85)
0.410(10.42)
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
21
-
-55 to+150
50
μA
-
5
T =25 C
A
°
T =100 C
A
°
T =125 C
A
°
RθJC


Similar Part No. - SR820

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR820 RECTRON-SR820 Datasheet
25Kb / 2P
   SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 8.0 Amperes)
logo
Nanjing International G...
SR820 DGNJDZ-SR820 Datasheet
424Kb / 2P
   8.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
SR820 CHENG-YI-SR820 Datasheet
143Kb / 2P
   MINIATURE SCHOTTKY BARRIER RECTIFIER
logo
RFE international
SR820 RFE-SR820 Datasheet
1Mb / 3P
   Schottky Barrier Rectifiers
10-26-2022
logo
DIYI Electronic Technol...
SR820 DYELEC-SR820 Datasheet
816Kb / 2P
   8.0 AMP. Schottky Barrier Rectifiers
More results

Similar Description - SR820

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com