Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL47 Datasheet(PDF) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

Part # LL47
Description  SMALL SIGNAL SCHOTTKY DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.

LL47 Datasheet(HTML) 2 Page - Jinan Jing Heng Electronics Co., Ltd.

  LL47 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. LL47 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd. LL47 Datasheet HTML 3Page - Jinan Jing Heng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES LL47
Figure 1. Forward current versus forward voltage
at different temperatures(typical values)
Figure 2. Forward current versus forward voltage
(typical values)
0
0.2
0.2
0.4
0.6
0.8
1
0.4
10
10
1
10
10
10
-2
-1
3
2
0
100
200
300
400
0.6
0.8
1
1.2
V (V)
F
V (V)
F
500
I(mA)
F
I(mA)
F
025
50
10
10
10
1
10
10
-2
-1
2
3
75
100
125
I( A)
R
m
Figure 3.Reverse current versus ambient
temperatures
Tamb=(°C)
max.
90% confidence
VR=20V
typ.
Tj= 25°C
Tamb=100°C
Tamb= 25°C
Tamb= -55°C
JINAN JINGHENG ELECTRONICS CO., LTD.
HTTP
WWW.JINGHENGGROUP.COM
://
32
-


Similar Part No. - LL47

ManufacturerPart #DatasheetDescription
logo
Jinan Jingheng (Group) ...
LL47 JINANJINGHENG-LL47 Datasheet
72Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
First Components Intern...
LL4728 FCI-LL4728 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
LL4729 FCI-LL4729 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
logo
RFE international
LL4729A RFE-LL4729A Datasheet
70Kb / 1P
   SURFACE MOUNT Zener Diodes
logo
First Components Intern...
LL4730 FCI-LL4730 Datasheet
182Kb / 2P
   1 Watt ZENER DIODES (3.3V to 100V) Mechanical Dimensions
More results

Similar Description - LL47

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TMMBAT47 STMICROELECTRONICS-TMMBAT47 Datasheet
63Kb / 5P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
SD101AW VISHAY-SD101AW Datasheet
99Kb / 6P
   Small Signal Schottky Diodes
Rev. 1.4, 16-Dec-05
logo
Micro Commercial Compon...
SD103A MCC-SD103A Datasheet
121Kb / 3P
   Small Signal Schottky Diodes
logo
STMicroelectronics
BAR18 STMICROELECTRONICS-BAR18 Datasheet
224Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
BAR42 STMICROELECTRONICS-BAR42 Datasheet
54Kb / 4P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
   Small Signal Schottky Diodes
Rev. 1.8, 23-Jul-10
logo
Comchip Technology
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
   Small Signal Schottky Diodes
CDBH3-00340C-G COMCHIP-CDBH3-00340C-G Datasheet
67Kb / 2P
   Small Signal Schottky Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com