Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCN21A-125SCA-2W-G Datasheet(PDF) 10 Page - Hirose Electric

Part # PCN21A-125SCA-2W-G
Description  2mm Hard Metric Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

PCN21A-125SCA-2W-G Datasheet(HTML) 10 Page - Hirose Electric

Back Button PCN21A-125SCA-2W-G Datasheet HTML 2Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 3Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 4Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 5Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 6Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 7Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 8Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 9Page - Hirose Electric PCN21A-125SCA-2W-G Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
3.2
Peg
2
20
48
49.95
20
2
48
4
4
A
10.8
(1.7)
2
10
2-Ø1.9
2
...............................
..............................
> P B T <
Row No.
1
11
15
25
Contact No.
f
e
d
c
b
a
z
< With ground plate >
< Without ground plate >
12- Ø0.6 ±0.05
2- Ø2
+0.1
0
C-Ø0.6 ±0.05
20 ±0.1
20 ±0.1
2 ±0.05
48 ±0.1
2 ±0.05
...............................
................................
Row No.
Contact No.
1
11
15
25
f
e
d
c
b
a
2
1
1
s Receptacle (Style A) [PKG-side female connector]
1
Through hole
Drilling diameter: Ø0.7±0.02
Finishing diameter: Ø0.6±0.05
Plating: Cu 25µm min.
2
Even numbers are required on the f row
when using the lower surface ground
plate (PCN21*, SA-G).
3
For without ground the plate type,
rows f and z unnecessary.
4
The type without the peg does not
require the 2mm dia, hole.
5
Board thickness: 1.6 to 4.2 mm
B Recommended PCB mounting pattern
Product No.
PCN21*-110SA-2PF
PCN21*-110SA-2PF-G
PCN21*-110SAA-2PF
PCN21*-110SAA-2PF-G
A
B
C
20.7
20.9
20.7
20.9
7.3
7.5
7.3
7.5
110
123
110
123
Ground plate
Peg
Not provided
Not provided
Provided
Provided
Provided
Not provided
* A…PCB leads : Gold plating, B…PCB leads : Tin plating


Similar Part No. - PCN21A-125SCA-2W-G

ManufacturerPart #DatasheetDescription
logo
CUI INC
PCN2-S CUI-PCN2-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S CUI-PCN2-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
1Mb / 10P
   DC-DC CONVERTER
PCN2-S12-D12-S CUI-PCN2-S12-D12-S Datasheet
3Mb / 10P
   DC-DC CONVERTER
07/09/2021
More results

Similar Description - PCN21A-125SCA-2W-G

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PO21M-6P-SA HIROSE-PO21M-6P-SA Datasheet
707Kb / 10P
   2mm Hard Metric Coaxial Connector
logo
FCI connector
HM2DK1457PLF FCI-CONNECTOR-HM2DK1457PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
logo
Tyco Electronics
5188578-1 MACOM-5188578-1 Datasheet
84Kb / 1P
   2mm Hard Metric PCB Mount Connectors
logo
FCI connector
HM2DK1567PLF FCI-CONNECTOR-HM2DK1567PLF Datasheet
375Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES- ACCESSORIES
HM2R01PA5100L9LF FCI-CONNECTOR-HM2R01PA5100L9LF Datasheet
226Kb / 3P
   MILLIPACS 2mm HARD METRIC SERIES - RIGHT ANGLE RECEPTACLE CONNECTORS
HM2A30PG5000LF FCI-CONNECTOR-HM2A30PG5000LF Datasheet
1Mb / 7P
   Millipacs (2 mm Hard-Metric) Signal Connector ??IEC specifications
HM2J07PE5110N9LF FCI-CONNECTOR-HM2J07PE5110N9LF Datasheet
734Kb / 10P
   MILLIPACS 2MM HARD METRICS SERIES - RIGHT ANGLE HEADER CONNECTORS
logo
Adam Technologies, Inc.
2PCI-A-M-154-A-0 ADAM-TECH-2PCI-A-M-154-A-0 Datasheet
96Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-A-M-110-B-0 ADAM-TECH-2PCI-A-M-110-B-0 Datasheet
98Kb / 1P
   HEAD METRIC CONNECTOR
2PCI-AB25-M-110-NP-B ADAM-TECH-2PCI-AB25-M-110-NP-B Datasheet
88Kb / 1P
   HEAD METRIC CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com