Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1189A010U1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1189A010U1000
Description  18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1189A010U1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1189A010U1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1189A010U1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1189A010U1000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Series Type:
Series 6
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
1189AP
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Inductance:
Inductance (µH/m)
0.318257
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
53.1522
Nominal Velocity of Propagation:
VP (%)
83
Nominal Delay:
Delay (ns/m)
3.9372
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
91.868
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
15.7488
Max. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
5
2.19827
55
5.2496
211
9.41647
270
10.6304
300
11.2538
350
12.2053
400
13.124
450
13.9771
550
15.4535
750
18.3408
870
19.686
1000
21.4577
Max. Operating Voltage - UL:
Voltage
300 V RMS
Page 2 of 3
04-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
1189A Coax - Broadband CATV Coax Cable


Similar Part No. - 1189A010U1000

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1189A BELDEN-1189A Datasheet
145Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
1189A-0091000 BELDEN-1189A-0091000 Datasheet
145Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
1189A-009N1000 BELDEN-1189A-009N1000 Datasheet
145Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
1189A-009U1000 BELDEN-1189A-009U1000 Datasheet
145Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
1189A-009U500 BELDEN-1189A-009U500 Datasheet
145Kb / 3P
   Broadband Coax, Series 6, 18 AWG Solid BCCS, Quad Shield, PVC Jkt, CM
04-14-2023
More results

Similar Description - 1189A010U1000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1351636 ETC2-1351636 Datasheet
101Kb / 3P
   Series 6, 18 AWG solid .040 bare copper-covered steel conductor, gas-injected foam polyethylene insulation
1348490 ETC2-1348490 Datasheet
103Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1348491 ETC2-1348491 Datasheet
103Kb / 4P
   Series 6, 18 AWG solid .040 bare copper conductor, gas-injected foam polyethylene insulation
1694SB ETC2-1694SB Datasheet
105Kb / 3P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
31375 ETC2-31375 Datasheet
31Kb / 4P
   18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1694A ETC2-1694A Datasheet
107Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1344422 ETC2-1344422 Datasheet
105Kb / 4P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
28552 ETC2-28552 Datasheet
37Kb / 5P
   RG-6/U Type, 18 AWG solid .040 bare copper conductor, gas-injected foam HDPE insulation
1346109 ETC2-1346109 Datasheet
99Kb / 3P
   18 AWG bare copper conductor, foam polyethylene insulation
1347210 ETC2-1347210 Datasheet
104Kb / 4P
   23 AWG solid .023 bare copper conductor, gas-injected foam HDPE insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com