Electronic Components Datasheet Search |
|
FG24C0G2W221JNT0 Datasheet(PDF) 3 Page - TDK Electronics |
|
FG24C0G2W221JNT0 Datasheet(HTML) 3 Page - TDK Electronics |
3 / 31 page (3/31) 20150604 / leadmlcc_halogenfree_fg_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. CAPACITORS MLCC with Dipped Radial Lead Halogen-free, Commercial Grade FEATURES A complete lineup with a rated voltage of 6.3V to 630V. Compatible with a wide capacitance range of 1pF to 100μF. APPLICATION Noise reduction measures for various motors Bypass capacitors such as for switching power sources, smoothing capacitors, etc. Snubber circuits PFC input filters PART NUMBER CONSTRUCTION Applicable capacitance range: Max. 10 pF for C and D, over 10 pF for J, K, and M. Applied to the TDK’s standard specification products. OPERATING TEMPERATURE RANGE The Storage temperature range is for after the circuit board is mounted. Overview of the FG Series FG 2 8 C0G 1H 010 C □□□ □ Series name Lead pitch (mm) LxWxT Dimensions (mm) Capacitance temperature characteristics Rated voltage (V) Nominal capacitance (pF) Capacitance tolerance Internal code Packaging Style 1 2.5 8 4.0x5.5x2.5 C0G 0±30ppm/°C 0J 6.3 010 1 C ±0.25pF 0 Bulk 2 5.0 4 4.5x5.5x3.0 X5R ±15% 1A 10 100 10 D ±0.5pF 6 Taping 6 5.5x6.0x3.5 X7R ±15% 1C 16 101 100 J ±5% 0 5.5x7.0x4.0 X7S ±22% 1E 25 102 1,000 K ±10% 1 5.5x7.0x4.0 X7T +22, –33% 1H 50 M ±20% 2 7.5x8.5x4.5 2A 100 2E 250 2W 450 2J 630 Capacitance temperature characteristics Temperature range Operating temperature Storage temperature (°C) (°C) C0G, X7R, X7S, X7T –55 to +125 –55 to +125 X5R –55 to +85 –55 to +85 Product compatible with RoHS directive Halogen-free RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://product.tdk.com/en/environment/rohs/ Halogen-free: Indicates that Cl content is less than 900ppm, Br content is less than 900ppm, and that the total Cl and Br content is less than 1500ppm. |
Similar Part No. - FG24C0G2W221JNT0 |
|
Similar Description - FG24C0G2W221JNT0 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |