Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39120013100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 39120013100
Description  20 AWG stranded (10x30) tinned copper conductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

39120013100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  39120013100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 39120013100 Datasheet HTML 2Page - List of Unclassifed Manufacturers 39120013100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Test Reports
a) UL
i) UL Test Reports are available on-line through the UL Client Document Access web portal.
ii) UL Inspection Reports are also available through the UL Client Document Access web portal.
b) CSA
i) CSA "Descriptive Report and Test Results" documents are available on the CSA Gateway Portal.
ii) CSA Inspection Reports are maintained on the CSA issued 'flash drive' at each manufacturing location.
* other test data may be available if requested at time of order.
Revision Number: 0
Revision Date: 07-13-2012
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
39120 Hook-up/Lead - PPO Hook-up Wire 600V, 105°C AWM Style 11032


Similar Part No. - 39120013100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39120 ETC2-39120 Datasheet
46Kb / 1P
   Plastek Storage Containers
39120 ETC2-39120 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Belden Inc.
39120 BELDEN-39120 Datasheet
169Kb / 3P
   Lead Wire, #20 Str TC, PPO Ins, AWM 11028
05-05-2023
39120-001100 BELDEN-39120-001100 Datasheet
169Kb / 3P
   Lead Wire, #20 Str TC, PPO Ins, AWM 11028
05-05-2023
39120-0011000 BELDEN-39120-0011000 Datasheet
169Kb / 3P
   Lead Wire, #20 Str TC, PPO Ins, AWM 11028
05-05-2023
More results

Similar Description - 39120013100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1347330 ETC2-1347330 Datasheet
99Kb / 3P
   20 AWG stranded (19x33) .035 tinned copper conductor
1346631 ETC2-1346631 Datasheet
98Kb / 3P
   20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
1346742 ETC2-1346742 Datasheet
101Kb / 3P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
1344170 ETC2-1344170 Datasheet
98Kb / 3P
   20 AWG stranded (7x28) tinned copper conductors
1344562 ETC2-1344562 Datasheet
95Kb / 2P
   12 AWG stranded (65x30) tinned copper conductor, PVC insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
   18 AWG stranded (16x30) tinned copper conductor, PPO insulation
39116 ETC2-39116 Datasheet
100Kb / 2P
   16 AWG stranded (26x30) tinned copper conductor, PPO insulation
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1348238 ETC2-1348238 Datasheet
99Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com