Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

391180131000 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 391180131000
Description  18 AWG stranded (16x30) tinned copper conductor, PPO insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

391180131000 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  391180131000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 391180131000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 391180131000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
18 AWG stranded (16x30) tinned copper conductor, PPO insulation. Rated 105ºC, 600V. Rated 2500V
peak for electronic circuits, and internal wiring of electronic and electrical equipment
Usage (Overall)
Suitable Applications:
Electrical panel builders, Electrical/electronic manufacturers, Appliance
manufacturers, Furniture, Computer manufacturers, Automotive companies
and their sub-suppliers
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
18
16x30
TC - Tinned Copper
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Wall Thickness (in.)
PPO - Polyphenylene Oxide 0.012
Overall Insulation
Overall Cable
Overall Nominal Diameter:
0.069 in.
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +105°C Dry
Bulk Cable Weight:
6 lbs/1000 ft.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL Rating:
600 V, 105°C
UL Type:
AWM 11028
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2011
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
VW-1
Page 1 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
39118 Hook-up/Lead - PPO Hook-up Wire 600V, 105°C AWM Style 11033


Similar Part No. - 391180131000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39118 ETC2-39118 Datasheet
46Kb / 1P
   Plastek Storage Containers
39118 ETC2-39118 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Belden Inc.
39118 BELDEN-39118 Datasheet
186Kb / 2P
   Lead Wire, #18 Str TC, PPO Ins, AWM 11028
01-20-2023
39118-001100 BELDEN-39118-001100 Datasheet
186Kb / 2P
   Lead Wire, #18 Str TC, PPO Ins, AWM 11028
01-20-2023
39118-0011000 BELDEN-39118-0011000 Datasheet
186Kb / 2P
   Lead Wire, #18 Str TC, PPO Ins, AWM 11028
01-20-2023
More results

Similar Description - 391180131000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
9918 ETC2-9918 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1682714 ETC2-1682714 Datasheet
104Kb / 3P
   14 AWG stranded (41x30) tinned copper conductor, PPO insulation
39116 ETC2-39116 Datasheet
100Kb / 2P
   16 AWG stranded (26x30) tinned copper conductor, PPO insulation
1682733 ETC2-1682733 Datasheet
104Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, PPO insulation
28469 ETC2-28469 Datasheet
33Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1345945 ETC2-1345945 Datasheet
100Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, polyethylene insulation
1346341 ETC2-1346341 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
9740 ETC2-9740 Datasheet
100Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
1344557 ETC2-1344557 Datasheet
98Kb / 3P
   18 AWG stranded (16x30) tinned copper conductors, PVC insulation, twisted pairs, PVC jacket
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com