Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

391140131000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 391140131000
Description  14 AWG stranded (41x30) tinned copper conductor, PPO insulation
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

391140131000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  391140131000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 391140131000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 391140131000 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
2.350
Max. Operating Voltage - UL:
Voltage
600 Vac
Max. Recommended Current:
Description
Current
Single conductor in free air @ 30C ambient 39 amps
Notes (Overall)
Notes: Halogen-free.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
39114 001100
100 FT
1.500 LB
BROWN
C
#14 STR PPO BRN
39114 0011000
1,000 FT
15.000 LB
BROWN
C
#14 STR PPO BRN
39114 0015000
5,000 FT
75.000 LB
BROWN
C Z
#14 STR PPO BRN
39114 002100
100 FT
1.500 LB
RED
C
#14 STR PPO RED
39114 0021000
1,000 FT
15.000 LB
RED
C
#14 STR PPO RED
39114 0025000
5,000 FT
75.000 LB
RED
C Z
#14 STR PPO RED
39114 003100
100 FT
1.500 LB
ORANGE
C
#14 STR PPO ORG
39114 0031000
1,000 FT
15.000 LB
ORANGE
C
#14 STR PPO ORG
39114 0035000
5,000 FT
75.000 LB
ORANGE
C Z
#14 STR PPO ORG
39114 004100
100 FT
1.500 LB
YELLOW
C
#14 STR PPO YEL
39114 0041000
1,000 FT
15.000 LB
YELLOW
C
#14 STR PPO YEL
39114 0045000
5,000 FT
75.000 LB
YELLOW
C Z
#14 STR PPO YEL
39114 005100
100 FT
1.500 LB
GREEN, DARK
C
#14 STR PPO DGRN
39114 0051000
1,000 FT
15.000 LB
GREEN, DARK
C
#14 STR PPO DGRN
39114 0055000
5,000 FT
75.000 LB
GREEN, DARK
C Z
#14 STR PPO DGRN
39114 007100
100 FT
1.500 LB
VIOLET
C
#14 STR PPO VIO
39114 0071000
1,000 FT
15.000 LB
VIOLET
C
#14 STR PPO VIO
39114 0075000
5,000 FT
75.000 LB
VIOLET
C Z
#14 STR PPO VIO
39114 008100
100 FT
1.500 LB
GRAY
C
#14 STR PPO GRY
39114 0081000
1,000 FT
15.000 LB
GRAY
C
#14 STR PPO GRY
39114 0085000
5,000 FT
75.000 LB
GRAY
C Z
#14 STR PPO GRY
39114 009100
100 FT
1.500 LB
WHITE
C
#14 STR PPO WHT
39114 0091000
1,000 FT
15.000 LB
WHITE
C
#14 STR PPO WHT
39114 0095000
5,000 FT
75.000 LB
WHITE
C Z
#14 STR PPO WHT
39114 010100
100 FT
1.500 LB
BLACK
C
#14 STR PPO BLK
39114 0101000
1,000 FT
15.000 LB
BLACK
C
#14 STR PPO BLK
39114 0105000
5,000 FT
75.000 LB
BLACK
C Z
#14 STR PPO BLK
39114 013100
100 FT
1.500 LB
BLUE, DARK
C
#14 STR PPO DBLU
39114 0131000
1,000 FT
15.000 LB
BLUE, DARK
C
#14 STR PPO DBLU
39114 0135000
5,000 FT
75.000 LB
BLUE, DARK
C Z
#14 STR PPO DBLU
39114 189100
100 FT
1.500 LB
GREEN/YELLOW
C
#14 STR PPO GRN/YEL
39114 1891000
1,000 FT
15.000 LB
GREEN/YELLOW
C
#14 STR PPO GRN/YEL
39114 1895000
5,000 FT
75.000 LB
GREEN/YELLOW
C Z
#14 STR PPO GRN/YEL
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Page 2 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
39114 Hook-up/Lead - PPO Hook-up Wire 600V, 105°C AWM Style 11035


Similar Part No. - 391140131000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39114 ETC2-39114 Datasheet
46Kb / 1P
   Plastek Storage Containers
39114 ETC2-39114 Datasheet
46Kb / 1P
   Plastek Storage Containers
logo
Belden Inc.
39114 BELDEN-39114 Datasheet
169Kb / 3P
   Lead Wire, #14 Str TC, PPO Ins, AWM 11028
05-05-2023
39114-001100 BELDEN-39114-001100 Datasheet
169Kb / 3P
   Lead Wire, #14 Str TC, PPO Ins, AWM 11028
05-05-2023
39114-0011000 BELDEN-39114-0011000 Datasheet
169Kb / 3P
   Lead Wire, #14 Str TC, PPO Ins, AWM 11028
05-05-2023
More results

Similar Description - 391140131000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8916 ETC2-8916 Datasheet
99Kb / 2P
   14 AWG stranded (41x30) tinned copper conductor, PVC insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
   18 AWG stranded (16x30) tinned copper conductor, PPO insulation
39116 ETC2-39116 Datasheet
100Kb / 2P
   16 AWG stranded (26x30) tinned copper conductor, PPO insulation
1682733 ETC2-1682733 Datasheet
104Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, PPO insulation
1344562 ETC2-1344562 Datasheet
95Kb / 2P
   12 AWG stranded (65x30) tinned copper conductor, PVC insulation
1351870 ETC2-1351870 Datasheet
101Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344544 ETC2-1344544 Datasheet
100Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344173 ETC2-1344173 Datasheet
97Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
28480 ETC2-28480 Datasheet
33Kb / 3P
   22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
9918 ETC2-9918 Datasheet
100Kb / 2P
   18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com