Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

99280081000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 99280081000
Description  Tinned copper conductor, PVC insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99280081000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  99280081000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99280081000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9928 001100
30 MT
0.091 KG
BROWN
28 STR PVC BRN
9928 0011000
305 MT
0.907 KG
BROWN
P
28 STR PVC BRN
9928 002100
30 MT
0.091 KG
RED
28 STR PVC RED
9928 0021000
305 MT
0.907 KG
RED
P
28 STR PVC RED
9928 003100
30 MT
0.091 KG
ORANGE
28 STR PVC ORG
9928 0031000
305 MT
0.907 KG
ORANGE
P
28 STR PVC ORG
9928 004100
30 MT
0.091 KG
YELLOW
28 STR PVC YEL
9928 0041000
305 MT
0.907 KG
YELLOW
P
28 STR PVC YEL
9928 005100
30 MT
0.091 KG
GREEN, DARK
28 STR PVC GRN
9928 0051000
305 MT
0.907 KG
GREEN, DARK
P
28 STR PVC GRN
9928 007100
30 MT
0.091 KG
VIOLET
28 STR PVC VIO
9928 0081000
305 MT
0.907 KG
GRAY
P
#28 STR PVC GRY
9928 009100
30 MT
0.091 KG
WHITE
28 STR PVC WHT
9928 0091000
305 MT
0.907 KG
WHITE
P
28 STR PVC WHT
9928 010100
30 MT
0.091 KG
BLACK
28 STR PVC BLK
9928 0101000
305 MT
0.907 KG
BLACK
P
28 STR PVC BLK
9928 013100
30 MT
0.091 KG
BLUE, DARK
28 STR PVC DBLU
9928 0131000
305 MT
0.907 KG
BLUE, DARK
P
28 STR PVC DBLU
Notes:
P = STRIPE COLORS ON STOCK SOLID COLORS. STRIPING ADDER OF $8.00/M' FOR1 OR 2 STRIPES. 10000' MINIMUM ORDER FOR COLOR
COMBINATION.PUT-UP WILL BE SUBJECT TO TWO PIECES (+ OR -) 10% PER SPOOL
Test Reports
a) UL
i) UL Test Reports are available on-line through the UL Client Document Access web portal.
ii) UL Inspection Reports are also available through the UL Client Document Access web portal.
b) CSA
i) CSA "Descriptive Report and Test Results" documents are available on the CSA Gateway Portal.
ii) CSA Inspection Reports are maintained on the CSA issued 'flash drive' at each manufacturing location.
* other test data may be available if requested at time of order.
Revision Number: 4
Revision Date: 03-01-2010
© 2012 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
12-30-2012
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9928 Hook-up/Lead - UL AWM Styles 1007 and 1569


Similar Part No. - 99280081000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
99280 ETC2-99280 Datasheet
934Kb / 6P
   AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
More results

Similar Description - 99280081000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344172 ETC2-1344172 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation
1344194 ETC2-1344194 Datasheet
97Kb / 2P
   Tinned copper conductor, PVC insulation.
1347832 ETC2-1347832 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1347078 ETC2-1347078 Datasheet
99Kb / 2P
   Tinned copper conductor, PVC insulation
1346228 ETC2-1346228 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
9904 ETC2-9904 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation.
1344526 ETC2-1344526 Datasheet
97Kb / 2P
   Tinned copper conductor, PVC insulation
1344195 ETC2-1344195 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1345067 ETC2-1345067 Datasheet
95Kb / 2P
   Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com