Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9910004100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9910004100
Description  Tinned copper conductor, PVC insulation
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9910004100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9910004100 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9910004100 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
Tinned copper conductor, PVC insulation. Rated 105ºC, 600V. Rated 2500V peak for electronic circuits,
and internal wiring of electronic and electrical equipment.
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
10
65x28
TC - Tinned Copper
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Wall Thickness (mm)
PVC - Polyvinyl Chloride 0.762
Overall Insulation
Overall Cable
Overall Nominal Diameter:
4.572 mm
Mechanical Characteristics (Overall)
Bulk Cable Weight:
63.397 Kg/Km
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL Rating:
600 V, 105°C
UL Type:
MTW or TW or AWM 1015/1230
CSA Rating:
600 V, 105°C
CSA Type:
AWM I A/B or TEW
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
07/01/2005
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
VW-1
CSA Flame Test:
FT1
Put Ups and Colors:
Page 1 of 2
12-30-2012
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9910 Hook-up/Lead - UL AWM Style 1015


Similar Part No. - 9910004100

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9910 KEYSTONE-9910 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
9910 KEYSTONE-9910 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
Tyco Electronics
991017-000 MACOM-991017-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
991017-000 TEC-991017-000 Datasheet
3Mb / 40P
   Raychem Application Tooling
logo
Tyco Electronics
991018-000 MACOM-991018-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
More results

Similar Description - 9910004100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344172 ETC2-1344172 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1682738 ETC2-1682738 Datasheet
100Kb / 2P
   Tinned copper conductor, PVC insulation
1344843 ETC2-1344843 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation
1344194 ETC2-1344194 Datasheet
97Kb / 2P
   Tinned copper conductor, PVC insulation.
1347832 ETC2-1347832 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1347078 ETC2-1347078 Datasheet
99Kb / 2P
   Tinned copper conductor, PVC insulation
1346228 ETC2-1346228 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
9904 ETC2-9904 Datasheet
98Kb / 2P
   Tinned copper conductor, PVC insulation.
1344526 ETC2-1344526 Datasheet
97Kb / 2P
   Tinned copper conductor, PVC insulation
1344195 ETC2-1344195 Datasheet
96Kb / 2P
   Tinned copper conductor, PVC insulation
1345067 ETC2-1345067 Datasheet
95Kb / 2P
   Tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com