Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1682720 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1682720
Description  RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1682720 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1682720 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1682720 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1682720 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
RG-58A/U type, 20 AWG stranded (19x32) .037" tinned copper conductor, foam polyethylene insulation,
tinned copper braid shield (95% coverage), PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Coax AWG Stranding Conductor Material Dia. (in.)
1
20
19x32
TC - Tinned Copper .037
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Dia. (in.)
FPE - Foam Polyethylene .114
Outer Shield
Outer Shield Material:
Type Outer Shield Material Coverage (%)
Braid TC - Tinned Copper
95.000
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
0.193 in.
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +80°C
UL Temperature Rating:
80°C (UL AWM Style 1354)
Bulk Cable Weight:
25 lbs/1000 ft.
Max. Recommended Pulling Tension:
50 lbs.
Min. Bend Radius/Minor Axis:
2 in.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
NEC/(UL) Specification:
CM
CEC/C(UL) Specification:
CM
AWM Specification:
UL Style 1354 (30 V 80°C)
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
Page 1 of 3
12-30-2012
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
8219 Coax - RG-58A/U Type


Similar Part No. - 1682720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1682721 ETC2-1682721 Datasheet
110Kb / 3P
   1 Meter HDMI Assembly. HDMI Composite Cable - 4 pairs (26 AWG stranded (7x34) bare copper conductors
1682722 ETC2-1682722 Datasheet
104Kb / 3P
   18 AWG stranded (16x30) tinned copper conductor, PPO insulation
1682724 ETC2-1682724 Datasheet
104Kb / 3P
   20 AWG stranded (10x30) tinned copper conductor
1682728 ETC2-1682728 Datasheet
103Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
logo
PHOENIX CONTACT
1682728 PHOENIX-1682728 Datasheet
584Kb / 18P
   SAC-5P-M12MS/ 1,5-PUR SH - Sensor/actuator cable
More results

Similar Description - 1682720

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1348238 ETC2-1348238 Datasheet
99Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1748276 ETC2-1748276 Datasheet
101Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
28446 ETC2-28446 Datasheet
32Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation
9222 ETC2-9222 Datasheet
33Kb / 3P
   RG-58A/U type, 20 AWG stranded (7x28) .037 tinned copper conductor, polyethylene insulation, two tinned copper braid shields
1682728 ETC2-1682728 Datasheet
103Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor
1346742 ETC2-1346742 Datasheet
101Kb / 3P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
8259 ETC2-8259 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1346975 ETC2-1346975 Datasheet
100Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x33) .035 tinned copper conductor, polyethylene insulation
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com