Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6N138 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # 6N138
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N138 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button 6N138 Datasheet HTML 3Page - Fairchild Semiconductor 6N138 Datasheet HTML 4Page - Fairchild Semiconductor 6N138 Datasheet HTML 5Page - Fairchild Semiconductor 6N138 Datasheet HTML 6Page - Fairchild Semiconductor 6N138 Datasheet HTML 7Page - Fairchild Semiconductor 6N138 Datasheet HTML 8Page - Fairchild Semiconductor 6N138 Datasheet HTML 9Page - Fairchild Semiconductor 6N138 Datasheet HTML 10Page - Fairchild Semiconductor 6N138 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
www.fairchildsemi.com
Single-Channel: 6N138, 6N139 Dual-Channel: HCPL-2730, HCPL-2731 Rev. 1.0.0
Fig. 4 LED Forward Current vs. Forward Voltage
FORWARD VOLTAGE - VF (V)
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.001
0.01
0.1
1
10
100
TA = 85˚C
TA = 70˚C
TA = -40˚C
TA = 0˚C
TA = 25˚C
Fig. 5 LED Forward Voltage vs. Temperature
TEMPERATURE - TA (˚C)
-40
-20
0
20
40
60
80
100
1.1
1.2
1.3
1.4
1.5
IF = 1.6 mA
Fig. 6 Non-saturated Rise and Fall Times vs.
Load Resistance (6N138 / 6N139 Only)
Fig. 7 Non-saturated Rise and Fall Times vs.
Load Resistance (HCPL-2730 / HCPL-2731 Only)
RL - LOAD RESISTANCE (kΩ)RL - LOAD RESISTANCE (kΩ)
0.1
1
10
1
10
100
tf
TA = 25˚C
IF ADJUSTED FOR VOL = 2 V
tr
IF - FORWARD CURRENT - mA
Fig. 9 Current Transfer Ratio vs. Forward Current
(6N138 / 6N139 Only)
0.01
0.1
1
10
0
400
800
1200
1600
TA = -40˚C
TA = 0˚C
TA = 25˚C
TA = 70˚C
TA = 85˚C
VCC = 5 V
VO= 0.4 V
0.1
1
10
1
10
tf
tr
TA = 25˚C
Fig. 8 Propagation Delay To Logic Low
vs. Base-Emitter Resistance
(HCPL-2730 / HCPL-2731 Only)
RBE - BASE-EMITTER RESISTANCE - M
0.01
0.1
1
10
0
1
2
3
4
5
6
IF = 1.6 mA, VCC = 5 V
RL = 2.2 K, TA = 25°C
Normalized to RBE = None


Similar Part No. - 6N138

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
6N138 TOSHIBA-6N138 Datasheet
260Kb / 5P
   IRED & PHOTO IC (CURRENT LOOP DRIVER, LOW INPUT CURRENT LINE RECEIVER, COMS LOGIC INTERFACE)
logo
Vishay Siliconix
6N138 VISHAY-6N138 Datasheet
108Kb / 6P
   High Speed Optocoupler, 100 kBd, Low Input Current, Photodiode Darlington Output
Rev. 1.5, 07-May-08
logo
CT Micro International ...
6N138 CTMICRO-6N138 Datasheet
1Mb / 15P
   Low Input Current Photodarlington Coupler
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Lite-On Technology Corp...
6N138 LITEON-6N138 Datasheet
658Kb / 15P
   Property of Lite-On Only
More results

Similar Description - 6N138

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0730 FAIRCHILD-HCPL-0730 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com