Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FK28C0G1H391J Datasheet(PDF) 7 Page - TDK Electronics

Part # FK28C0G1H391J
Description  Capacitor with Multi-layer Lead
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FK28C0G1H391J Datasheet(HTML) 7 Page - TDK Electronics

Back Button FK28C0G1H391J Datasheet HTML 3Page - TDK Electronics FK28C0G1H391J Datasheet HTML 4Page - TDK Electronics FK28C0G1H391J Datasheet HTML 5Page - TDK Electronics FK28C0G1H391J Datasheet HTML 6Page - TDK Electronics FK28C0G1H391J Datasheet HTML 7Page - TDK Electronics FK28C0G1H391J Datasheet HTML 8Page - TDK Electronics FK28C0G1H391J Datasheet HTML 9Page - TDK Electronics FK28C0G1H391J Datasheet HTML 10Page - TDK Electronics FK28C0G1H391J Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
(7/22)
20151209 / leadmlcc_conventional_fk_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
RATED VOLTAGE Edc: 6.3 to 50V
Temperature
characteristics
Capacitance
Tolerance
Rated voltage
Edc(V)
Part No.
FK28 type
FK18 type
X5R
1μF
±10%
6.3
FK28X5R0J105K
FK18X5R0J105K
X5R
1.5μF
±10%
6.3
FK28X5R0J155K
FK18X5R0J155K
X5R
2.2μF
±10%
6.3
FK28X5R0J225K
FK18X5R0J225K
X5R
3.3μF
±10%
6.3
FK28X5R0J335K
FK18X5R0J335K
X5R
4.7μF
±10%
6.3
FK28X5R0J475K
FK18X5R0J475K
X5R
6.8μF
±10%
6.3
FK28X5R0J685K
FK18X5R0J685K
X5R
10μF
±20%
6.3
FK28X5R0J106M
FK18X5R0J106M


Similar Part No. - FK28C0G1H391J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FK28C0G1H391J TDK-FK28C0G1H391J Datasheet
122Kb / 12P
   Multilayer Ceramic Capacitors
More results

Similar Description - FK28C0G1H391J

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
CL05A106MP5NUNC SAMSUNG-CL05A106MP5NUNC Datasheet
98Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KA5NQNC SAMSUNG-CL05A105KA5NQNC Datasheet
96Kb / 1P
   Multi Layer Ceramic Capacitor
CL05A105KQ5NNNC SAMSUNG-CL05A105KQ5NNNC Datasheet
126Kb / 1P
   Multi Layer Ceramic Capacitor
CL21A106KOQNNNE SAMSUNG-CL21A106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL32A107MPVNNNE SAMSUNG-CL32A107MPVNNNE Datasheet
147Kb / 2P
   Multi-layer Ceramic Capacitor
logo
Taiyo Yuden (U.S.A.), I...
MAASE063SB7101MFCA01 TAIYO-YUDEN-MAASE063SB7101MFCA01 Datasheet
148Kb / 1P
   Multi Layer Ceramic Capacitor
MAASE063SB7471MFCA01 TAIYO-YUDEN-MAASE063SB7471MFCA01 Datasheet
147Kb / 1P
   Multi Layer Ceramic Capacitor
logo
Samsung semiconductor
CL21B103KBANNNC SAMSUNG-CL21B103KBANNNC Datasheet
87Kb / 1P
   Multi Layer Ceramic Capacitor
CL21B106KOQNNNE SAMSUNG-CL21B106KOQNNNE Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
CL21A476MQCLRNC SAMSUNG-CL21A476MQCLRNC Datasheet
1Mb / 36P
   Multi-layer Ceramic Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com