Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZCAT-B Datasheet(PDF) 8 Page - TDK Electronics

Part # ZCAT-B
Description  Clamp Filters (Ferrite Core with Case)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ZCAT-B Datasheet(HTML) 8 Page - TDK Electronics

Back Button ZCAT-B Datasheet HTML 4Page - TDK Electronics ZCAT-B Datasheet HTML 5Page - TDK Electronics ZCAT-B Datasheet HTML 6Page - TDK Electronics ZCAT-B Datasheet HTML 7Page - TDK Electronics ZCAT-B Datasheet HTML 8Page - TDK Electronics ZCAT-B Datasheet HTML 9Page - TDK Electronics ZCAT-B Datasheet HTML 10Page - TDK Electronics ZCAT-B Datasheet HTML 11Page - TDK Electronics ZCAT-B Datasheet HTML 12Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
(8/13)
001-01 / 20130723 / e9a15_zcat.fm
• All specifications are subject to change without notice.
EMC Components
ZCAT series
ZCAT-B Type
SHAPE & DIMENSIONS
Dimensions in mm
• Chassis fixed type attachment hole: ø4.8 to 4.9mm, Plate thickness: 0.5 to 2mm
INTERNAL CONSTRUCTION
Part No.
A
B
C
D
E
Applicable cable
outer diameter
ZCAT2017-0930B(-BK)
21±1
17±1
9±1
20±1
(29)
9max.
B
A
E
Ferrite core
Plastic case


Similar Part No. - ZCAT-B

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ZCAT-E ITT-ZCAT-E Datasheet
38Kb / 1P
   Clamp Filters For Cable(Sleeve Core Type)
More results

Similar Description - ZCAT-B

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ZCAT2035-0930A-BK TDK-ZCAT2035-0930A-BK Datasheet
369Kb / 5P
   Clamp Filters (Ferrite Core with Case) For cable
ZCAT08V-BK TDK-ZCAT08V-BK Datasheet
101Kb / 7P
   Clamp Filters (Ferrite Core with Case) For automobile ECU
logo
Wurth Elektronik GmbH &...
7427134 WURTH-7427134 Datasheet
439Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427133 WURTH-7427133 Datasheet
461Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271318 WURTH-74271318 Datasheet
474Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271358 WURTH-74271358 Datasheet
458Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
7427132 WURTH-7427132 Datasheet
465Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
74271378 WURTH-74271378 Datasheet
466Kb / 4P
   WE-NCF Ferrite Ring Core with Nylon Clamp
logo
ITT Industries
ZCAT-E ITT-ZCAT-E Datasheet
38Kb / 1P
   Clamp Filters For Cable(Sleeve Core Type)
logo
TDK Electronics
B66482G0000X608 TDK-B66482G0000X608 Datasheet
356Kb / 5P
   Ferrite core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com