Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN8589 Datasheet(PDF) 1 Page - Mallory performance club

Part # PN8589
Description  MSD Pro-Billet Chevrolet V8 Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN8589 Datasheet(HTML) 1 Page - Mallory performance club

  PN8589 Datasheet HTML 1Page - Mallory performance club PN8589 Datasheet HTML 2Page - Mallory performance club PN8589 Datasheet HTML 3Page - Mallory performance club PN8589 Datasheet HTML 4Page - Mallory performance club PN8589 Datasheet HTML 5Page - Mallory performance club PN8589 Datasheet HTML 6Page - Mallory performance club PN8589 Datasheet HTML 7Page - Mallory performance club PN8589 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 57 - 5 20 0   •   F AX   ( 91 5 )   8 57 - 33 4 4
Important: Read these instructions before attempting the installation.
Parts Included:
1 - Pro-Billet Distributor
1 - Rotor, PN 8467
1 - Distributor Cap, PN 8433
1 - Wire Retainer
2 - 1.5" Self Tapping Screws
2 - 10-32 x 3/4" Socket Head Screws
Note: The terminals of this Distributor require spark plug style terminals. You may need to change
the terminals and boots of your wires. MSD offers two kits, PN 8849 or PN 8848 that are supplied
with nine boots and terminals.
Note: If the gear is ever replaced, MSD Gear (PN 8531) is required for replacement due to the .500"
diameter shaft.
Note: A replacement Black cap is available as PN 84333.
TIMING FUNCTIONS
Before continuing with the installation, here are a few definitions you should be aware of:
Initial Timing: This is the base timing (also referred to as idle timing) of the engine before the
centrifugal advance begins.
Centrifugal Advance: The centrifugal (or mechanical) advance mechanism is made up of weights,
springs, advance cams, and an advance stop bushing. The amount and rate of advance that your
distributor is capable of is determined by the centrifugal timing. If you ever wish to lock out the
centrifugal advance, refer to the centrifugal advance section.
Total Timing: This is the total of the initial timing plus the centrifugal advance added together.
Example: 10° Initial + 25° centrifugal = 35° Total Timing. (When checking Total timing, disconnect
the vacuum canister and plug the vacuum source.)
Vacuum Advance (PN 8361 Only): The vacuum advance will advance the timing up to 10° during
partial throttle driving (with 15 inHg of vacuum). The vacuum line should be routed to a ported vacuum
outlet above the throttle plates.
Note: MSD Distributors are supplied with the heavy (slow) advance springs installed. This is to
prevent detonation in certain applications. Review the information on pages 2-4 to determine
the best advance curve for your application.
1 - Advance Kit
1 - Gasket
1 - Tube of Gear Lubricant
2 - O-Rings
1 - Vacuum Advance Lock-Out Kit
(PN 8361 Only)
WARNING: Before installing the MSD Distributor, disconnect the battery cables. When disconnect-
ing the battery cables, always remove the Negative (-) cable first and install it last.
MSD Pro-Billet Chevrolet V8 Distributor
PN 85551and PN 8589
with Vacuum Advance, PN 8361
ONLINE PRODUCT REGISTRATION: Register your MSD product online. Registering your product
will help if there is ever a warranty issue with your product and helps the MSD R&D team create
new products that you ask for! Go to www.msdperformance.com/registration.


Similar Part No. - PN8589

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8580 MALLORY-PN8580 Datasheet
275Kb / 8P
   MSD Ford Billet Distributors
PN85805 MALLORY-PN85805 Datasheet
275Kb / 8P
   MSD Ford Billet Distributors
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN85806 MALLORY-PN85806 Datasheet
351Kb / 8P
   MSD Pro-Billet Marine Distributor
PN8582 MALLORY-PN8582 Datasheet
275Kb / 8P
   MSD Ford Billet Distributors
More results

Similar Description - PN8589

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
85555 MALLORY-85555 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
83613 MALLORY-83613 Datasheet
494Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN8547 MALLORY-PN8547 Datasheet
308Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85561 MALLORY-PN85561 Datasheet
403Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85701 MALLORY-PN85701 Datasheet
353Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8572 MALLORY-PN8572 Datasheet
495Kb / 8P
   MSD Pro-Billet Chevrolet V8 Tach Drive Distributor
PN8570 MALLORY-PN8570 Datasheet
363Kb / 8P
   MSD Pro-Billet Small Diameter Chevrolet V8 Distributor
PN8356 MALLORY-PN8356 Datasheet
447Kb / 8P
   MSD Pro-Billet Dual Pickup Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com