Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PN85001 Datasheet(PDF) 3 Page - Mallory performance club

Part # PN85001
Description  MSD Super HEI Kit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

PN85001 Datasheet(HTML) 3 Page - Mallory performance club

  PN85001 Datasheet HTML 1Page - Mallory performance club PN85001 Datasheet HTML 2Page - Mallory performance club PN85001 Datasheet HTML 3Page - Mallory performance club PN85001 Datasheet HTML 4Page - Mallory performance club PN85001 Datasheet HTML 5Page - Mallory performance club PN85001 Datasheet HTML 6Page - Mallory performance club PN85001 Datasheet HTML 7Page - Mallory performance club PN85001 Datasheet HTML 8Page - Mallory performance club PN85001 Datasheet HTML 9Page - Mallory performance club Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
INSTALLATION INSTRUCTIONS
3
MSD •   W W W. M S D PE R F OR M A NC E . C OM   •   ( 91 5 )   8 55 - 7 12 3   •   F AX   ( 91 5 )   8 57 - 33 4 4
next to each other in the engine and in the firing order. If the voltage from the #5 wire is induced into #7
detonation could occur and cause engine damage.
To add more heat protection to your plug wires, MSD offers Pro-Heat Guard, PN 3411. This is a glass
woven and silicone coated protective sleeve that you slide over your plug wires. For extra protection of
the spark plug boots, MSD offers Pro Boot Guard, PN 3412.
Spark Plugs: Choosing the correct spark plug design and heat range is important when trying to get
the best performance possible. Since there are so many engine combinations and manufacturers, MSD
does not recommend which plug or gap is exactly right for your application.
It is recommended to follow the engine builder or manufacturer’s specification for spark plugs. With that,
you can then experiment with the plug gap to obtain the best performance. The gap of the plugs can be
opened in 0.005" increments, then tested until the best performance is obtained. MSD judges the plug
gap by compression and components.
These examples are just starting points to get you going in the right direction. Every application is different
and should be tested and tuned.
Welding: If you are welding on your vehicle, to avoid the
chance of damage, always disconnect
both Heavy Power
cables of the MSD (You should also disconnect the tach
ground wire too).
Distributor Cap and Rotor: It is recommended to install a
new distributor cap and rotor when installing the MSD Ignition Control. The cap should be clean inside
and out especially the terminals and rotor tip. On vehicles with smaller caps, it is possible for the air
inside the cap to become electrically charged causing crossfire which can result in misfire. This can be
prevented by drilling a couple vent holes in the cap. The holes should be placed between the terminals,
at rotor height and face away from the intake. If your environment demands it, place a small piece of
screen over the hole to act as a filter.
MOUNTING
The MSD can be mounted in the engine compartment as long as it is away from direct engine heat
sources. It is not recommended to mount the unit in an enclosed area such as the glove box.
When you find a suitable location to mount the unit, make sure the wires of the ignition reach their
connections. Also be sure that the program dials can be accessed. Hold the Ignition in place and mark
the location of the mounting holes. Use a 3/16" bit to drill holes, install the vibration mounts and mount
the ignition.
Compression
Spark Plug Gap
Up to 10.5:1:
0.050" - 0.060"
10.5:1 - 13.0:1:
0.040" - 0.050"
Above 13.0:1:
0.035" - 0.045"


Similar Part No. - PN85001

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8503 MALLORY-PN8503 Datasheet
903Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor
PN8504 MALLORY-PN8504 Datasheet
901Kb / 8P
   MSD Pro-Billet Digital E-Curve Distributor Chrysler, 318, 340, 360
PN8509 MALLORY-PN8509 Datasheet
148Kb / 2P
   Magnetic Signal Stabilizer
More results

Similar Description - PN85001

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8225 MALLORY-PN8225 Datasheet
547Kb / 2P
   MSD GM HEI Coil
PN84101 MALLORY-PN84101 Datasheet
119Kb / 2P
   MSD GM HEI Rotor
PN84111 MALLORY-PN84111 Datasheet
273Kb / 1P
   MSD Extreme HEI Cap
PN84113 MALLORY-PN84113 Datasheet
289Kb / 1P
   MSD Extreme HEI Cap
8225 MALLORY-8225 Datasheet
547Kb / 2P
   MSD GM HEI Coil
83647 MALLORY-83647 Datasheet
326Kb / 4P
   MSD HEAT Digital HEI Module
PN83647 MALLORY-PN83647 Datasheet
329Kb / 4P
   MSD HEAT Digital HEI Module
PN8365 MALLORY-PN8365 Datasheet
747Kb / 8P
   MSD Pro-Billet Chevrolet HEI Distributor
PN5501 MALLORY-PN5501 Datasheet
292Kb / 2P
   Street Fire GM HEI Cap/Rotor Kit
PN2346 MALLORY-PN2346 Datasheet
75Kb / 2P
   MSD Universal Sync Signal Kit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com