Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSF-40C Datasheet(PDF) 3 Page - TDK Electronics

Part # TSF-40C
Description  Ultra High Voltage Ceramic Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TSF-40C Datasheet(HTML) 3 Page - TDK Electronics

  TSF-40C Datasheet HTML 1Page - TDK Electronics TSF-40C Datasheet HTML 2Page - TDK Electronics TSF-40C Datasheet HTML 3Page - TDK Electronics TSF-40C Datasheet HTML 4Page - TDK Electronics TSF-40C Datasheet HTML 5Page - TDK Electronics TSF-40C Datasheet HTML 6Page - TDK Electronics TSF-40C Datasheet HTML 7Page - TDK Electronics TSF-40C Datasheet HTML 8Page - TDK Electronics TSF-40C Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
(3/10)
001-01 / 20140507 / uhv_tsf-h-ga_en.fm
• All specifications are subject to change without notice.
CAPACITORS
Ultra High Voltage Ceramic Capacitors
With metal terminals
Non-insulated Type
FEATURES
TSF Series with molded metal terminals (rated voltage Eac: 20 kV), H Series with non-insulated metal terminals (rated voltage Eac: 8 kV),
and GA series with non-insulated metal terminals (rated voltage Eac: 10 kV) available.
Strong impulse voltage.
Low-loss and low distortion factor.
Excellent voltage-capacitance characteristics.
High capacitance and excellent temperature characteristics.
APPLICATION
Circuit breakers for gas insulation switchgears (supporting SF6 gas)
OPERATING TEMPERATURE RANGE, PRODUCT WEIGHT
Overview of the TSF/H/GA Series
Part No.
Temperature range
Individual weight
Operating
temperature
Storage
temperature
(°C)
(°C)
(g)
TSF-40C
–30 to +85
–30 to +85
149
TSF-30
–30 to +85
–30 to +85
80
H-11
–20 to +70
–20 to +70
79
GA-14
–20 to +70
–20 to +70
124
Product compatible with RoHS directive
RoHS Directive Compliant Product: See the following for more details related to RoHS Directive compliant products. http://www.tdk.co.jp/rohs/


Similar Part No. - TSF-40C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSF-6522 ETC2-TSF-6522 Datasheet
29Kb / 3P
   No-Clean Tacky Soldering Flux
logo
Adam Technologies, Inc.
TSF-XX ADAM-TECH-TSF-XX Datasheet
101Kb / 1P
   TERMINAL BLOCK
More results

Similar Description - TSF-40C

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FD-10AU TDK-FD-10AU_14 Datasheet
92Kb / 8P
   Ultra High Voltage Ceramic Capacitors
UHV-10A TDK-UHV-10A_14 Datasheet
80Kb / 6P
   Ultra High Voltage Ceramic Capacitors
FHV-10AN TDK-FHV-10AN_14 Datasheet
81Kb / 6P
   Ultra High Voltage Ceramic Capacitors
UHV TDK-UHV Datasheet
121Kb / 4P
   Ultra high voltage ceramic capacitors For high voltage power supplies/lasers
CK45-B3AD101KYGNA TDK-CK45-B3AD101KYGNA Datasheet
183Kb / 11P
   High Voltage Ceramic Capacitors
logo
Murata Manufacturing Co...
DE1E3KX222MA4BL01 MURATA-DE1E3KX222MA4BL01 Datasheet
1Mb / 66P
   High Voltage Ceramic Capacitors
DE2E3KH332MA3B MURATA-DE2E3KH332MA3B Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
DE1E3KX472MN5AA01 MURATA-DE1E3KX472MN5AA01 Datasheet
1Mb / 72P
   High Voltage Ceramic Capacitors
DE2E3KY472MN2AM01 MURATA-DE2E3KY472MN2AM01 Datasheet
1Mb / 83P
   High Voltage Ceramic Capacitors
logo
TDK Electronics
CC45SL3AD100JYGNA TDK-CC45SL3AD100JYGNA Datasheet
157Kb / 9P
   High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com