Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

110-97-422-41-005 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # 110-97-422-41-005
Description  Dual-in-line sockets automatic insertion Open frame Solder tail
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

110-97-422-41-005 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  110-97-422-41-005 Datasheet HTML 1Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
Series 110…41-005
Dual-in-line sockets automatic insertion
Open frame
Solder tail
Standard dual-in-line
socket with soft copper
alloy machined contact
allows clinching.
Open frame design
leaves space beneath IC
for improved heat
dissipation, easier PCB
cleaning and inspections
Insertion
characteristics:
4-finger standard
Platings
Sleeve
Clip
Pin
91
5
µm Sn Pb
0.25
µm Au
93
5
µm Sn Pb
0.75
µm Au
97
5
µm Sn Pb
Goldflash
99
5
µm Sn Pb
5
µm Sn Pb
Ordering information
For standard versions see table (order codes)
Option:
On special request available with solder tail length 4.2 mm, for
multilayer boards up to 3.4 mm. Part number:
111–xx–xxx–41–013
10
110-91-210-41-005
110-93-210-41-005
110-97-210-41-005
110-99-210-41-005
Fig. 1
12.6
5.08
7.6
4
110-91-304-41-005
110-93-304-41-005
110-97-304-41-005
110-99-304-41-005
Fig. 2
5.0
7.62 10.1
6
110-91-306-41-005
110-93-306-41-005
110-97-306-41-005
110-99-306-41-005
Fig. 3
7.6
7.62 10.1
8
110-91-308-41-005
110-93-308-41-005
110-97-308-41-005
110-99-308-41-005
Fig. 4
10.1
7.62 10.1
10
110-91-310-41-005
110-93-310-41-005
110-97-310-41-005
110-99-310-41-005
Fig. 5
12.6
7.62 10.1
12
110-91-312-41-005
110-93-312-41-005
110-97-312-41-005
110-99-312-41-005
aFig. 5a
15.2
7.62 10.1
14
110-91-314-41-005
110-93-314-41-005
110-97-314-41-005
110-99-314-41-005
Fig. 6
17.7
7.62 10.1
16
110-91-316-41-005
110-93-316-41-005
110-97-316-41-005
110-99-316-41-005
Fig. 7
20.3
7.62 10.1
18
110-91-318-41-005
110-93-318-41-005
110-97-318-41-005
110-99-318-41-005
Fig. 8
22.8
7.62 10.1
20
110-91-320-41-005
110-93-320-41-005
110-97-320-41-005
110-99-320-41-005
Fig. 9
25.3
7.62 10.1
22
110-91-322-41-005
110-93-322-41-005
110-97-322-41-005
110-99-322-41-005
Fig. 10
27.8
7.62 10.1
24
110-91-324-41-005
110-93-324-41-005
110-97-324-41-005
110-99-324-41-005
Fig. 11
30.4
7.62 10.1
28
110-91-328-41-005
110-93-328-41-005
110-97-328-41-005
110-99-328-41-005
Fig. 12
35.5
7.62 10.1
20
110-91-420-41-005
110-93-420-41-005
110-97-420-41-005
110-99-420-41-005
aFig. 12a
25.3 10.16 12.6
22
110-91-422-41-005
110-93-422-41-005
110-97-422-41-005
110-99-422-41-005
Fig. 13
27.8 10.16 12.6
24
110-91-424-41-005
110-93-424-41-005
110-97-424-41-005
110-99-424-41-005
Fig. 14
30.4 10.16 12.6
28
110-91-428-41-005
110-93-428-41-005
110-97-428-41-005
110-99-428-41-005
Fig. 15
35.5 10.16 12.6
32
110-91-432-41-005
110-93-432-41-005
110-97-432-41-005
110-99-432-41-005
Fig. 16
40.6 10.16 12.6
10
110-91-610-41-005
110-93-610-41-005
110-97-610-41-005
110-99-610-41-005
aFig. 16a
12.6 15.24 17.7
24
110-91-624-41-005
110-93-624-41-005
110-97-624-41-005
110-99-624-41-005
Fig. 17
30.4 15.24 17.7
28
110-91-628-41-005
110-93-628-41-005
110-97-628-41-005
110-99-628-41-005
Fig. 18
35.5 15.24 17.7
32
110-91-632-41-005
110-93-632-41-005
110-97-632-41-005
110-99-632-41-005
Fig. 19
40.6 15.24 17.7
36
110-91-636-41-005
110-93-636-41-005
110-97-636-41-005
110-99-636-41-005
Fig. 20
45.7 15.24 17.7
40
110-91-640-41-005
110-93-640-41-005
110-97-640-41-005
110-99-640-41-005
Fig. 21
50.6 15.24 17.7
42
110-91-642-41-005
110-93-642-41-005
110-97-642-41-005
110-99-642-41-005
Fig. 22
53.2 15.24 17.7
48
110-91-648-41-005
110-93-648-41-005
110-97-648-41-005
110-99-648-41-005
Fig. 23
60.9 15.24 17.7
No.
Insulator
of
Order Codes
dimen-
poles
sions
Plating 91
Plating 93
Plating 97
Plating 99
See
ABC
page 50


Similar Part No. - 110-97-422-41-005

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-97-422-41-001 PREDIP-110-97-422-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
More results

Similar Description - 110-97-422-41-005

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
110-91-306-41-605 PREDIP-110-91-306-41-605 Datasheet
37Kb / 1P
   Dual-in-line sockets automatic insertion Open frame Solder tail
110-93-628-41-001 PREDIP-110-93-628-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets Open frame Solder tail
logo
Mill-Max Mfg. Corp.
110-13-308-41-001000 MILL-MAX-110-13-308-41-001000 Datasheet
137Kb / 1P
   DUAL-IN-LINE SOCKETS Standard Solder Tail Open Frame
logo
Precid-Dip Durtal SA
116-93-210-41-006 PREDIP-116-93-210-41-006 Datasheet
42Kb / 1P
   Dual-in-line sockets interconnect Open frame Solder tail
110-93-308-41-801 PREDIP-110-93-308-41-801 Datasheet
44Kb / 1P
   Dual-in-line sockets with capacitor Open frame Solder tail
111-91-210-41-001 PREDIP-111-91-210-41-001 Datasheet
40Kb / 1P
   Dual-in-line sockets for multilayer PCB Open frame Solder tail
210-91-306-41-001 PREDIP-210-91-306-41-001 Datasheet
37Kb / 1P
   Dual-in-line sockets Closed frame Solder tail
115-91-306-41-003 PREDIP-115-91-306-41-003 Datasheet
38Kb / 1P
   Dual-in-line sockets very low profile / ultra low profile / open frame Solder tail
299-93-306-10-001 PREDIP-299-93-306-10-001 Datasheet
41Kb / 1P
   Dual-in-line sockets / right angle version Closed frame Solder tail
612-91-210-41-001 PREDIP-612-91-210-41-001 Datasheet
42Kb / 1P
   Dual-in-line pin carrier assemblies Open frame Solder tail
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com