Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCP010512BP-U Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # DCP010512BP-U
Description  Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DCP010512BP-U Datasheet(HTML) 5 Page - Burr-Brown (TI)

  DCP010512BP-U Datasheet HTML 1Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 2Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 3Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 4Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 5Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 6Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 7Page - Burr-Brown (TI) DCP010512BP-U Datasheet HTML 8Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
®
DCP01B
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, unless otherwise noted.
DCP010512B V
OUT vs LOAD
Load (%)
14.5
14
13.5
13
12.5
12
11.5
11
100
10
20
30
40
50
60
70
80
90
DCP010512B EFFICIENCY vs LOAD
Load (%)
90
85
80
75
70
65
60
55
50
100
10
20
30
40
50
60
70
80
90
DCP010512DB V
OUT vs LOAD
Load (%)
14.5
14.0
13.5
13.0
12.5
12.0
11.5
11.0
10.5
10.00
20
30
50
70
60
80
90
100
40
10
+V
OUT
–V
OUT
DCP010512DB EFFICIENCY vs LOAD
Load (%)
85
80
75
70
65
60
55
50
20
30
50
70
60
80
90
100
40
10
DCP010515B EFFICIENCY vs LOAD
Load (%)
85
80
75
70
65
60
55
50
100
10
20
30
40
50
60
70
80
90
DCP010515B V
OUT vs LOAD
Load (%)
18
17.5
17
16.5
16
15.5
15
14.5
14
100
10
20
30
40
50
60
70
80
90


Similar Part No. - DCP010512BP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP010512BP-U BURR-BROWN-DCP010512BP-U Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP010512BP-U TI-DCP010512BP-U Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512BP-U TI1-DCP010512BP-U Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010512BP-U TI1-DCP010512BP-U Datasheet
1Mb / 30P
[Old version datasheet]   Unregulated DC/DC Converter Modules
DCP010512BP-U TI1-DCP010512BP-U Datasheet
1Mb / 30P
[Old version datasheet]   1-W, Isolated, Unregulated DC/DC Converter Modules
More results

Similar Description - DCP010512BP-U

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
126Kb / 8P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCP01B TI-DCP01B Datasheet
468Kb / 21P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP010507DBP-UE4 TI1-DCP010507DBP-UE4 Datasheet
626Kb / 22P
[Old version datasheet]   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCP01B BURR-BROWN-DCP01B Datasheet
453Kb / 20P
   Miniature, 1W Isolated UNREGULATED DC/DC CONVERTERS
logo
Texas Instruments
DCH01 TI-DCH01 Datasheet
379Kb / 12P
[Old version datasheet]   MINIATURE, 1W, 3kV ISOLATED UNREGULATED DC/DC CONVERTERS
logo
Burr-Brown (TI)
DCV01 BURR-BROWN-DCV01 Datasheet
122Kb / 8P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCV010505P BURR-BROWN-DCV010505P Datasheet
151Kb / 11P
   Miniature, 1W, 1500Vrms Isolated UNREGULATED DC/DC CONVERTERS
DCP0124 BURR-BROWN-DCP0124 Datasheet
169Kb / 9P
   Miniature 24V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
DCP0105 BURR-BROWN-DCP0105 Datasheet
199Kb / 17P
   Miniature 5V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com