Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5631DUA Datasheet(PDF) 3 Page - LightKey Optoelectronics Ltd.

Part # LD5631DUA
Description  0.56 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5631DUA Datasheet(HTML) 3 Page - LightKey Optoelectronics Ltd.

  LD5631DUA Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5631DUA Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5631DUA Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
LightKey
SPEC NO: DS10121715
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 3/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
Electrical Characteristics & Absolute Maximum Ratings
Parameter
Electrical optical
Characteristics
[1]
Absolute Maximum Ratings
[1]
Forward
Voltage
@ IF=20mA
Emitted color
Typ.
Max.
Reverse
Current
VR=5V
Power
Dissipation
DC
Forward
Current
Peak
Forward
Current
[2]
Per Seg.
1.8
2.2
30
60
25
100
Super Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
1.8
2.2
30
60
25
100
Hi-Red
Per DP
1.8
2.2
30
60
25
100
Per Seg.
2.1
2.5
30
80
30
100
Orange
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.1
2.5
30
80
30
100
Yellow
Per DP
2.1
2.5
30
80
30
100
Per Seg.
2.2
2.5
30
80
30
100
Green
Per DP
2.2
2.5
30
80
30
100
Per Seg.
1.9
2.6
30
60
30
100
Ultra Red
Per DP
1.9
2.6
30
60
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Orange
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Amber
Per DP
2
2.6
30
65
30
100
Per Seg.
2
2.6
30
65
30
100
Ultra Yellow
Per DP
2
2.6
30
65
30
100
Per Seg.
2.1
2.6
30
75
30
100
Ultra Green
Per DP
2.1
2.6
30
75
30
100
Per Seg.
3.5
4
30
110
30
100
Pure Green
Per DP
3.5
4
30
110
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra Blue
Per DP
3.5
4
30
120
30
100
Per Seg.
3.5
4
30
120
30
100
Ultra White
Per DP
3.5
4
30
120
30
100
Unit:
\
V
V
uA
mW
mA
mA
Notes:
1. At Ta = 25 °C.
2. Peak forward current at 1/10 Duty Cycle, 0.1ms Pulse.


Similar Part No. - LD5631DUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AD LIGHTKEY-LD5631AD Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AG LIGHTKEY-LD5631AG Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AO LIGHTKEY-LD5631AO Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631APG LIGHTKEY-LD5631APG Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD5631DUA

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631AB LIGHTKEY-LD5631AB Datasheet
169Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMG13 P-TEC-PD42-CAMG13 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com