Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4502CDGNDT Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4502CDGNDT
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CDGNDT Datasheet(HTML) 1 Page - Texas Instruments

  THS4502CDGNDT Datasheet HTML 1Page - Texas Instruments THS4502CDGNDT Datasheet HTML 2Page - Texas Instruments THS4502CDGNDT Datasheet HTML 3Page - Texas Instruments THS4502CDGNDT Datasheet HTML 4Page - Texas Instruments THS4502CDGNDT Datasheet HTML 5Page - Texas Instruments THS4502CDGNDT Datasheet HTML 6Page - Texas Instruments THS4502CDGNDT Datasheet HTML 7Page - Texas Instruments THS4502CDGNDT Datasheet HTML 8Page - Texas Instruments THS4502CDGNDT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
DGK−8
DGN−8
D−8
FEATURES
D Fully Differential Architecture
D Bandwidth: 370 MHz
D Slew Rate: 2800 V/µs
D IMD
3: −95 dBc at 30 MHz
D OIP
3: 51 dBm at 30 MHz
D Output Common-Mode Control
D Wide Power Supply Voltage Range: 5 V, ±5 V,
12 V, 15 V
D Centered Input Common-Mode Range
D Power-Down Capability (THS4502)
D Evaluation Module Available
DESCRIPTION
The THS4502 and THS4503 are high-performance fully
differential amplifiers from Texas Instruments. The
THS4502, featuring power-down capability, and the
THS4503, without power-down capability, set new
performance standards for fully differential amplifiers
with unsurpassed linearity, supporting 14-bit operation
through 40 MHz. Package options include the 8-pin
SOIC and the 8-pin MSOP with PowerPAD
 for a
smaller footprint, enhanced ac performance, and
improved thermal dissipation capability.
APPLICATIONS
D High Linearity Analog-to-Digital Converter
Preamplifier
D Wireless Communication Receiver Chains
D Single-Ended to Differential Conversion
D Differential Line Driver
D Active Filtering of Differential Signals
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
RELATED DEVICES
DEVICE(1)
DESCRIPTION
THS4500/1
370 MHz, 2800 V/
µs, VICR Includes VS−
THS4502/3
370 MHz, 2800 V/
µs, Centered VICR
THS4120/1
3.3 V, 100 MHz, 43 V/
µs, 3.7 nV√Hz
THS4130/1
±15 V, 150 MHz, 51 V/µs, 1.3 nV√Hz
THS4140/1
±15 V, 160 MHz, 450 V/µs, 6.5 nV√Hz
THS4150/1
±15 V, 150 MHz, 650 V/µs, 7.6 nV√Hz
(1) Even numbered devices feature power-down capability
APPLICATION CIRCUIT DIAGRAM
f − Frequency − MHz
−80
−92
020
40
60
−74
THIRD-ORDER INTERMODULATION
DISTORTION
−62
80
100
−68
−86
−98
12
10
14
16
VS
392
+
+
800
5 V
−5 V
VOUT
392
402
56.2
50
374
VOCM
2.5 V
+
+
VOCM
14 Bit/80 MSps
IN
IN
5 V
Vref
5 V
−5 V
VS
0.1
µF 10 µF
0.1
µF 10 µF
THS4502
392
10 pF
1
µF
56.2
ADC
374
50
402
392
10 pF
24.9
24.9
PowerPAD is a trademark of Texas Instruments.
UNLESS OTHERWISE NOTED this document contains PRODUCTION DATA
information current as of publication date. Products conform to specifications per
the terms of Texas Instruments standard warranty. Production processing does
not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002−2004, Texas Instruments Incorporated


Similar Part No. - THS4502CDGNDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502CDGN TI1-THS4502CDGN Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502CDGNG4 TI1-THS4502CDGNG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
logo
National Semiconductor ...
THS4502CDGNR NSC-THS4502CDGNR Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4502CDGNR TI1-THS4502CDGNR Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
More results

Similar Description - THS4502CDGNDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com