Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD5631AY Datasheet(PDF) 2 Page - LightKey Optoelectronics Ltd.

Part # LD5631AY
Description  0.56 inch Three Digit 7 Segment LED Display
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTKEY [LightKey Optoelectronics Ltd.]
Direct Link  http://www.display-leds.com
Logo LIGHTKEY - LightKey Optoelectronics Ltd.

LD5631AY Datasheet(HTML) 2 Page - LightKey Optoelectronics Ltd.

  LD5631AY Datasheet HTML 1Page - LightKey Optoelectronics Ltd. LD5631AY Datasheet HTML 2Page - LightKey Optoelectronics Ltd. LD5631AY Datasheet HTML 3Page - LightKey Optoelectronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LightKey
SPEC NO: DS10121714
REV: A.4
CHECKED: Emily Zhou
APPROVED: M.H. Lin
PAGE: 2/3
HTTP://WWW.DISPLAY-LEDS.COM
TEL: 0086-574-86322282
DATE: Jul/20/2011
Datasheet of 0.56 inch Three Digit 7 Segment LED Display
Internal Circuit Diagram
LD5631A (Common Cathode)
11
A
E
8
6 NO CONNECT
10
DIG.1
D
7
4
B
BC
21
EF
12
53
GDP
B
B
AC
DP
DE
G
F
9
DIG.2
AB
BD
CF
G DP
DIG.3
LD5631B (Common Anode)
11
A
E
8
6 NO CONNCET
10
DIG.1
742
1
D
B
BC
E
F
12
5
3
GDP
B
B
AC
DP
DE
9
G
F
DIG.2
AB
BD
CF
G
DIG.3
DP
Selection Guide
Three Digits 7 Segment LED Display, Digit Height: 14.20mm(0.56inch), External Dimensions:
37.80x19.00x8.00mm (L x W x H )
Part No.
Chip
Iv@IF=20mA
Iv@IF=20mA
One Seg
One DP
Common
Cathode
Common
Anode
Material
Color
WLD
Min.
Typ.
Min.
Typ.
LD5631AR
LD5631BR
GaAlAs
Super Red
640
8
10
8
10
LD5631AD
LD5631BD
GaAlAs
Hi-Red
640
18
25
18
25
LD5631AO
LD5631BO
GaAsP
Orange
625
7
9
7
9
LD5631AY
LD5631BY
GaAsP
Yellow
588
8
10
8
10
LD5631AG
LD5631BG
GaP
Green
568
7
9
7
9
LD5631AUR
LD5631BUR
AlGaInP
Ultra Red
640
30
45
30
45
LD5631AUO
LD5631BUO
AlGaInP
Ultra Orange
625
45
60
45
60
LD5631AUA
LD5631BUA
AlGaInP
Ultra Amber
605
30
45
30
45
LD5631AUY
LD5631BUY
AlGaInP
Ultra Yellow
595
30
45
30
45
LD5631AUG
LD5631BUG
AlGaInP
Ultra Green
573
30
45
30
45
LD5631APG
LD5631BPG
InGaN
Pure Green
525
120
300
120
300
LD5631AUB
LD5631BUB
InGaN
Ultra Blue
470
30
45
30
45
LD5631AUW
LD5631BUW
InGaN
Ultra White
\
100
120
100
120
Unit:
\
\
\
nm
mcd
mcd
mcd
mcd


Similar Part No. - LD5631AY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631CG LIGHTKEY-LD5631CG Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631CO LIGHTKEY-LD5631CO Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631CPG LIGHTKEY-LD5631CPG Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631CR LIGHTKEY-LD5631CR Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
More results

Similar Description - LD5631AY

ManufacturerPart #DatasheetDescription
logo
LightKey Optoelectronic...
LD5631CD LIGHTKEY-LD5631CD Datasheet
160Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5636AB LIGHTKEY-LD5636AB Datasheet
193Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
LD5631EF LIGHTKEY-LD5631EF Datasheet
161Kb / 3P
   0.56 inch Three Digit 7 Segment LED Display
logo
P-tec Corporation
PD42-CAMY01 P-TEC-PD42-CAMY01 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMO12 P-TEC-PD42-CAMO12 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMG13 P-TEC-PD42-CAMG13 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR21 P-TEC-PD42-CAMR21 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
PD42-CAMR24 P-TEC-PD42-CAMR24 Datasheet
24Kb / 1P
   Three Digit 7 Segment 0.56??Display
logo
LightKey Optoelectronic...
LD5624AB LIGHTKEY-LD5624AB Datasheet
167Kb / 3P
   0.56 inch Dual Digit 7 Segment LED Display
LD5641AB LIGHTKEY-LD5641AB Datasheet
162Kb / 3P
   0.56 inch Four Digit 7 Segment LED Display
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com