Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB080P06L3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTB080P06L3
Description  P-Channel Enhancement Mode Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB080P06L3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTB080P06L3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB080P06L3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C069L3
Issued Date : 2016.03.14
Revised Date :
Page No. : 2/9
MTB080P06L3
CYStek Product Specification
Absolute Maximum Ratings (TC=25°C, unless otherwise noted)
Parameter
Symbol
Limits
Unit
Drain-Source Voltage
VDS
-60
Gate-Source Voltage
VGS
±
20
V
Continuous Drain Current @ VGS=-10V, TA=25
°C
-3.3
Continuous Drain Current @ VGS=-10V, TA=70
°C
ID
-2.6
Pulsed Drain Current *1
IDM
-14
Single Pulse Avalanche Current
IAS
-4
A
Avalanche Energy @ L=6mH, ID=-4A, VDD=-15V
EAS
48
Repetitive Avalanche Energy @ L=0.05mH *2
EAR
0.5
mJ
Total Power Dissipation @TA=25℃
2.5
Total Power Dissipation @TA=70℃
PD
1.6
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55~+150
°C
Note : *1
. Pulse width limited by maximum junction temperature
*2. Duty cycle ≤ 1%
Thermal Data
Parameter
Symbol
Value
Unit
Thermal Resistance, Junction-to-case, max
RƟJC
20
Thermal Resistance, Junction-to-ambient, max
RƟJA
50 (Note)
°C/W
Note : Surface mounted on a 1 in
2 pad of 2 oz. copper, t≤10s; 120°C/W when mounted on minimum copper pad.
Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
-60
-
-
VGS=0V, ID=-250μA
VGS(th)
-1
-
-2.5
V
VDS =VGS, ID=-250μA
IGSS
-
-
±
100
nA
VGS=±20V, VDS=0V
-
-
-1
VDS =-60V, VGS =0V
IDSS
-
-
-25
μA
VDS =-48V, VGS =0V, TJ=85
°C
-
90
113
VGS =-10V, ID=-4A
RDS(ON) *1
-
117
150
VGS =-4.5V, ID=-2A
GFS *1
-
6
-
S
VDS =-10V, ID=-3A
Dynamic
Qg *1, 2
-
11.4
-
Qgs *1, 2
-
2.1
-
Qgd *1, 2
-
3.2
-
nC
ID=-4A, VDS=-48V, VGS=-10V
td(ON) *1, 2
-
6.4
-
tr
*1, 2
-
17
-
td(OFF) *1, 2
-
25.2
-
tf
*1, 2
-
7.2
-
ns
VDS=-30V, ID=-4A, VGS=-10V,
RG=3Ω
Ciss
-
503
-
Coss
-
54
-
Crss
-
37
-
pF
VGS=0V, VDS=-25V, f=1MHz


Similar Part No. - MTB080P06L3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB080P06J3 CYSTEKEC-MTB080P06J3 Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06J3-0-T3-G CYSTEKEC-MTB080P06J3-0-T3-G Datasheet
501Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB080P06M3 CYSTEKEC-MTB080P06M3 Datasheet
433Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06M3-0-T2-G CYSTEKEC-MTB080P06M3-0-T2-G Datasheet
433Kb / 9P
   P-Channel Enhancement Mode MOSFET
MTB080P06N3 CYSTEKEC-MTB080P06N3 Datasheet
461Kb / 9P
   P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB080P06L3

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com