Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB06-600BW Datasheet(PDF) 3 Page - STMicroelectronics

Part # BTB06-600BW
Description  SNUBBERLESS?? LOGIC LEVEL & STANDARD
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTB06-600BW Datasheet(HTML) 3 Page - STMicroelectronics

  BTB06-600BW Datasheet HTML 1Page - STMicroelectronics BTB06-600BW Datasheet HTML 2Page - STMicroelectronics BTB06-600BW Datasheet HTML 3Page - STMicroelectronics BTB06-600BW Datasheet HTML 4Page - STMicroelectronics BTB06-600BW Datasheet HTML 5Page - STMicroelectronics BTB06-600BW Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BTA/BTB06 Series
3/6
THERMAL RESISTANCES
PRODUCT SELECTOR
BTB: non insulated TO-220AB package
ORDERING INFORMATION
OTHER INFORMATION
Note: xxx = voltage, y = sensitivity, z = type
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (AC)
TO-220AB
1.8
°C/W
TO-220AB Insulated
2.7
Rth(j-a)
Junction to ambient
TO-220AB
TO-220AB Insulated
60
°C/W
Part Number
Voltage (xxx)
Sensitivity
Type
Package
600 V
800 V
BTA/BTB06-xxxB
X
X
50 mA
Standard
TO-220AB
BTA/BTB06-xxxBW
X
X
50 mA
Snubberless
TO-220AB
BTA/BTB06-xxxC
X
X
25 mA
Standard
TO-220AB
BTA/BTB06-xxxCW
X
X
35 mA
Snubberless
TO-220AB
BTA/BTB06-xxxSW
X
X
10 mA
Logic level
TO-220AB
BTA/BTB06-xxxTW
X
X
5 mA
Logic level
TO-220AB
Part Number
Marking
Weight
Base
quantity
Packing
mode
BTA/BTB06-xxxyz
BTA/BTB06-xxxyz
2.3 g
250
Bulk
BTA/BTB06-xxxyzRG
BTA/BTB06-xxxyz
2.3 g
50
Tube
BT A 06 -
600
BW
(RG)
TRIAC
SERIES
INSULATION:
A: insulated
B: non insulated
CURRENT: 6A
SENSITIVITY & TYPE
B: 50mA STANDARD
BW: 50mA SNUBBERLESS
C: 25mA STANDARD
CW: 35mA SNUBBERLESS
SW: 10mA LOGIC LEVEL
TW: 5mA LOGIC LEVEL
VOLTAGE:
600: 600V
800: 800V
PACKING MODE
Blank: Bulk
RG: Tube


Similar Part No. - BTB06-600BW

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
BTB06-600BW KERSEMI-BTB06-600BW Datasheet
1Mb / 5P
   6A TRIACS
logo
HAOPIN MICROELECTRONICS...
BTB06-600BW HAOPIN-BTB06-600BW Datasheet
423Kb / 5P
   Blocking voltage to 600 V
logo
STMicroelectronics
BTB06-600BWRG STMICROELECTRONICS-BTB06-600BWRG Datasheet
76Kb / 7P
   6A TRIACS
More results

Similar Description - BTB06-600BW

ManufacturerPart #DatasheetDescription
logo
Nell Semiconductor Co.,...
12T NELLSEMI-12T Datasheet
659Kb / 7P
   Snubberless, Logic Level and Standard
16T NELLSEMI-16T Datasheet
661Kb / 7P
   Snubberless, Logic Level and Standard
logo
STMicroelectronics
T435-800T STMICROELECTRONICS-T435-800T Datasheet
119Kb / 10P
   SNUBBERLESS??& LOGIC LEVEL
logo
Nell Semiconductor Co.,...
8T06A-BW NELLSEMI-8T06A-BW Datasheet
674Kb / 7P
   TRIACs, 8A Snubberless, Logic Level and Standard
16T06A-BW NELLSEMI-16T06A-BW Datasheet
2Mb / 7P
   TRIACs, 16A Snubberless, Logic Level and Standard
4T06A-CW NELLSEMI-4T06A-CW Datasheet
414Kb / 7P
   TRIACs, 4A Snubberless, Logic Level and Standard
6T06A-BW NELLSEMI-6T06A-BW Datasheet
340Kb / 6P
   TRIACs, 6A Snubberless, Logic Level and Standard
12T06A-BW NELLSEMI-12T06A-BW Datasheet
598Kb / 6P
   TRIACs, 12A Snubberless, Logic Level and Standard
logo
Kersemi Electronic Co.,...
BTA16-600SW KERSEMI-BTA16-600SW Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
BTA16-700B KERSEMI-BTA16-700B Datasheet
1Mb / 6P
   16 A Snubberless, logic level and standard Triacs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com