Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB020N06KH8-0-T6-G Datasheet(PDF) 3 Page - Cystech Electonics Corp.

Part # MTB020N06KH8-0-T6-G
Description  N-Channel Enhancement Mode Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N06KH8-0-T6-G Datasheet(HTML) 3 Page - Cystech Electonics Corp.

  MTB020N06KH8-0-T6-G Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N06KH8-0-T6-G Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CYStech Electronics Corp.
Spec. No. : C103H8
Issued Date : 2016.04.20
Revised Date :
Page No. : 3/ 10
MTB020N06KH8
CYStek Product Specification
Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
60
-
-
V
VGS=0V, ID=250μA
∆BVDSS/∆Tj
-
0.06
-
V/
°C
Reference to 25
°C, ID=250μA
VGS(th)
1
-
2.5
V
VDS = VGS, ID=250μA
*GFS
-
14.9
-
S
VDS =10V, ID=10A
IGSS
-
-
±
10
VGS=±16V
-
-
1
VDS =60V, VGS =0V
IDSS
-
-
5
μA
VDS =48V, VGS =0V, Tj=55
°C
-
12.2
17
VGS =10V, ID=8A
-
15.6
21
VGS =4.5V, ID=6A
*RDS(ON)
-
17.6
31
VGS =4V, ID=4A
Dynamic
*Qg
-
17
-
*Qgs
-
1.4
-
*Qgd
-
6.2
-
nC
VDS=30V, ID=8A, VGS=10V
*td(ON)
-
8.2
-
*tr
-
18.8
-
*td(OFF)
-
34.4
-
*tf
-
11
-
ns
VDS=30V, ID=8A, VGS=10V, RG=6Ω
Ciss
-
736
-
Coss
-
140
-
Crss
-
70
-
pF
VGS=0V, VDS=20V, f=1MHz
Source-Drain Diode
*IS
-
-
42
*ISM
-
-
168
A
*VSD
-
0.8
1.2
V
IS=8A, VGS=0V
*trr
-
14
-
ns
*Qrr
-
8.6
-
nC
VGS=0V, IF=8A, dIF/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTB020N06KH8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB020N06KE3 CYSTEKEC-MTB020N06KE3 Datasheet
403Kb / 8P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - MTB020N06KH8-0-T6-G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSAFA75N10C MICROSEMI-MSAFA75N10C Datasheet
83Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
GTM CORPORATION
GP9973 GTM-GP9973 Datasheet
335Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE85T03 GTM-GE85T03 Datasheet
246Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE88L02 GTM-GE88L02 Datasheet
253Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com