Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTB020N03KM3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTB020N03KM3
Description  N-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB020N03KM3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTB020N03KM3 Datasheet HTML 1Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 2Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 3Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 4Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 5Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 6Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 7Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 8Page - Cystech Electonics Corp. MTB020N03KM3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C143M3
Issued Date : 2016.01.21
Revised Date :
Page No. : 4/9
MTB020N03KM3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
25
30
35
40
01
2
3
45
VDS, Drain-Source Voltage(V)
10V,9V,8V,7V,6V,5V
VGS=3V
3.5
4V
4.5V
Brekdown Voltage vs Junction Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250
μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
04
8
12
16
2
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
30
60
90
120
150
180
210
240
270
300
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0
0.4
0.8
1.2
1.6
2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS, Gate-Source Voltage(V)
VGS=10V, ID=5A
RDS(ON)@Tj=25°C : 15.3mΩ typ.
ID=5A
VGS=4.5V, ID=4A
RDS(ON)@Tj=25°C : 19.4mΩ typ.


Similar Part No. - MTB020N03KM3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTB020N03KJ3 CYSTEKEC-MTB020N03KJ3 Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KJ3-0-T3-G CYSTEKEC-MTB020N03KJ3-0-T3-G Datasheet
587Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB020N03KL3 CYSTEKEC-MTB020N03KL3 Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KL3-0-T3-G CYSTEKEC-MTB020N03KL3-0-T3-G Datasheet
477Kb / 9P
   30V N-channel Enhancement Mode MOSFET
MTB020N03KN3 CYSTEKEC-MTB020N03KN3 Datasheet
470Kb / 9P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTB020N03KM3

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com