Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FA20NP02A683JNU0 Datasheet(PDF) 5 Page - TDK Electronics

Part # FA20NP02A683JNU0
Description  MLCC with Dipped Radial Lead Halogen-free, Automotive Grade, High Temperature Application
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

FA20NP02A683JNU0 Datasheet(HTML) 5 Page - TDK Electronics

  FA20NP02A683JNU0 Datasheet HTML 1Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 2Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 3Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 4Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 5Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 6Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 7Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 8Page - TDK Electronics FA20NP02A683JNU0 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
(5/26)
20150731 / leadmlcc_halogenfree_fa150_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
CAPACITORS
Overview of the FA Series
RECOMMENDED FLOW PROFILE
Preheating
Peak
Natural cooling
Temp.
Time
Temp.
Time
Time
T1
t1
T2
t2
t3
110°C min.
Over 60s.
260°C
Within 5s.
Over 60s.
Natural
cooling
Preheating
Soldering
T2
T1
t: Time
t1
t2
t3


Similar Part No. - FA20NP02A683JNU0

ManufacturerPart #DatasheetDescription
logo
Epson Company
FA2016AA EPSON-FA2016AA Datasheet
371Kb / 2P
   MHz RANGE CRYSTAL UNIT
FA2016AN EPSON-FA2016AN Datasheet
481Kb / 2P
   MHz RANGE CRYSTAL UNIT
FA2016AS EPSON-FA2016AS Datasheet
642Kb / 2P
   MHz RANGE CRYSTAL UNIT Built-in thermistor
logo
TDK Electronics
FA20C0G2A473JNU0 TDK-FA20C0G2A473JNU0 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FA20C0G2A473JNU00 TDK-FA20C0G2A473JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
More results

Similar Description - FA20NP02A683JNU0

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
FA11C0G2A473JNU00 TDK-FA11C0G2A473JNU00 Datasheet
259Kb / 30P
   MLCC with Dipped Radial Lead (Halogen-free, Automotive Grade)
FG11X7R1E475KNT00 TDK-FG11X7R1E475KNT00 Datasheet
267Kb / 31P
   MLCC with Dipped Radial Lead (Halogen-free, Commercial Grade)
FK26X7R2J222K TDK-FK26X7R2J222K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FK20X7R2E104K TDK-FK20X7R2E104K Datasheet
139Kb / 11P
   MLCC with Dipped Radial Lead Commercial Grade
FA14C0G1H223JNU00 TDK-FA14C0G1H223JNU00 Datasheet
136Kb / 2P
   MLCC with Dipped Radial Lead
FA14C0G2A153JRU00 TDK-FA14C0G2A153JRU00 Datasheet
134Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H225KRU00 TDK-FA14X7R1H225KRU00 Datasheet
142Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7R1H334KNU06 TDK-FA14X7R1H334KNU06 Datasheet
146Kb / 2P
   MLCC with Dipped Radial Lead
FA14X7S2A154KRU00 TDK-FA14X7S2A154KRU00 Datasheet
145Kb / 2P
   MLCC with Dipped Radial Lead
FA16C0G1H683JNU06 TDK-FA16C0G1H683JNU06 Datasheet
135Kb / 2P
   MLCC with Dipped Radial Lead
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com