Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82791H2351N001 Datasheet(PDF) 3 Page - TDK Electronics

Part # B82791H2351N001
Description  Current-compensated ring core double chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82791H2351N001 Datasheet(HTML) 3 Page - TDK Electronics

  B82791H2351N001 Datasheet HTML 1Page - TDK Electronics B82791H2351N001 Datasheet HTML 2Page - TDK Electronics B82791H2351N001 Datasheet HTML 3Page - TDK Electronics B82791H2351N001 Datasheet HTML 4Page - TDK Electronics B82791H2351N001 Datasheet HTML 5Page - TDK Electronics B82791H2351N001 Datasheet HTML 6Page - TDK Electronics B82791H2351N001 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings and pin configurations
Horizontal version (B82791G)
Vertical version (B82791H)
1) Vertical version with symmetrical lead spacing (5.08 mm
 12.7 mm) is available on request (B82791K).
IND0247-U
8 max.
2.8+0.5
15±0.1
17.5 max.
2.1 max.
34
1
2
34
21
Tolerances to ISO 2768-M
unless otherwise noted.
Dimensions in mm.
Tolerances to ISO 2768-M
unless otherwise noted.
Dimensions in mm.
B82791G/H
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82791H2351N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82791H2351N001 EPCOS-B82791H2351N001 Datasheet
144Kb / 7P
   Power line chokes
More results

Similar Description - B82791H2351N001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com