Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82721K2602N020 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82721K2602N020
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82721K2602N020 Datasheet(HTML) 2 Page - TDK Electronics

  B82721K2602N020 Datasheet HTML 1Page - TDK Electronics B82721K2602N020 Datasheet HTML 2Page - TDK Electronics B82721K2602N020 Datasheet HTML 3Page - TDK Electronics B82721K2602N020 Datasheet HTML 4Page - TDK Electronics B82721K2602N020 Datasheet HTML 5Page - TDK Electronics B82721K2602N020 Datasheet HTML 6Page - TDK Electronics B82721K2602N020 Datasheet HTML 7Page - TDK Electronics B82721K2602N020 Datasheet HTML 8Page - TDK Electronics B82721K2602N020 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
07/15
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 250 V AC
Rated inductance 0.2 ... 47 mH
Rated current 0.3 ... 6 A / +40 °C, +50 °C, +60 °C, +70 °C
Construction
Current-compensated ring core double choke
Ferrite core wih epoxy coating (UL 94 V-0)
Plastic case (UL 94 V-0)
Potting (UL 94 V-0)
Sector winding
Features
High resonance frequency due to special winding technique
Approx. 1% stray inductance for symmetrical interference suppression
Suitable for wave soldering
Design complies with EN 60938-2 (VDE 0565-2) and UL 1283
UL1) and /or ENEC (VDE) approvals
Construction approved to EN 60335-1 (VDE 0700-1)2)
RoHS-compatible
Applications
Suppression of common-mode interferences
Switch-mode power applications
Electronic ballasts in lamps
Power inverters
Terminals
Base material CuNi18Zn20
Layer composition Ni, Sn
Hot-dipped
Pins 0.7 0.7 (mm)
Lead spacing 10 5 (mm) or 10 15 (mm)
Marking
Product brand, approval signs and VDE standard number, ordering code, graphic symbol, rated
current, rated voltage, rated inductance, date of manufacture (YYWWD.internal ID code),
Delivery mode
Blister tray in cardboard box
1) UL approval with 300 V AC
2) Certified values:
Glow wire test (GWT to IEC 60695-2-11):
+750 °C, 2 s / +850 °C, 30 s
Ball pressure test (BP to IEC 60695-10-2):
+125 °C
B82721A
B82721J
B82721K
B82721A/J/K
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82721K2602N020

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721K2602N020 EPCOS-B82721K2602N020 Datasheet
207Kb / 8P
   Power line chokes
B82721K2602N020 EPCOS-B82721K2602N020 Datasheet
136Kb / 8P
   Power line chokes
B82721K2602N020 EPCOS-B82721K2602N020 Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
More results

Similar Description - B82721K2602N020

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com