Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4502CDT Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4502CDT
Description  WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4502CDT Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4502CDT Datasheet HTML 4Page - Texas Instruments THS4502CDT Datasheet HTML 5Page - Texas Instruments THS4502CDT Datasheet HTML 6Page - Texas Instruments THS4502CDT Datasheet HTML 7Page - Texas Instruments THS4502CDT Datasheet HTML 8Page - Texas Instruments THS4502CDT Datasheet HTML 9Page - Texas Instruments THS4502CDT Datasheet HTML 10Page - Texas Instruments THS4502CDT Datasheet HTML 11Page - Texas Instruments THS4502CDT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
THS4502
THS4503
SLOS352D − APRIL 2002 − REVISED JANUARY 2004
www.ti.com
8
TYPICAL CHARACTERISTICS
Table of Graphs (5 V)
FIGURE
Small signal unity gain frequency response
50
Small signal frequency response
51
0.1 dB gain flatness frequency response
52
Harmonic distortion (single-ended input to differential output) vs Frequency
53, 54, 61, 63
Harmonic distortion (differential input to differential output) vs Frequency
55, 56, 62, 64
Harmonic distortion (single-ended input to differential output) vs Output voltage swing
57, 58, 65, 67
Harmonic distortion (differential input to differential output) vs Output voltage swing
59, 60, 66, 68
Harmonic distortion (single-ended input to differential output) vs Load resistance
69
Harmonic distortion (differential input to differential output) vs Load resistance
70
Slew rate vs Differential output voltage step
71
Large-signal transient response
72
Small-signal transient response
73
Voltage and current noise vs Frequency
74
Rejection ratios vs Frequency
75
Rejection ratios vs Case temperature
76
Output balance error vs Frequency
77
Open-loop gain and phase vs Frequency
78
Open-loop gain vs Case temperature
79
Input bias and offset current vs Case temperature
80
Quiescent current vs Supply voltage
81
Input offset voltage vs Case temperature
82
Common-mode rejection ratio vs Input common-mode range
83
Output drive vs Case temperature
84
Harmonic distortion (single-ended and differential input) vs Output common-mode range
85
Small signal frequency response at VOCM
86
Output offset voltage vs Output common-mode voltage
87
Quiescent current vs Power-down voltage
88
Turnon and turnoff delay times
89
Single-ended output impedance in power down vs Frequency
90
Power-down quiescent current vs Case temperature
91
Power-down quiescent current vs Supply voltage
92


Similar Part No. - THS4502CDT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502CD TI1-THS4502CD Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502CDG4 TI1-THS4502CDG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502CDGN TI1-THS4502CDGN Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4502CDGNG4 TI1-THS4502CDGNG4 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
logo
National Semiconductor ...
THS4502CDGNR NSC-THS4502CDGNR Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
More results

Similar Description - THS4502CDT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
[Old version datasheet]   Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
   Wideband, Low-Distortion Fully Differential Amplifiers
logo
Texas Instruments
THS4505 TI-THS4505 Datasheet
1Mb / 38P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
[Old version datasheet]   WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4500 TI-THS4500 Datasheet
585Kb / 37P
[Old version datasheet]   WIDEBAND, LOW DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com