Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82733F2192B001 Datasheet(PDF) 5 Page - TDK Electronics

Part # B82733F2192B001
Description  Current-compensated frame core double chokes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82733F2192B001 Datasheet(HTML) 5 Page - TDK Electronics

  B82733F2192B001 Datasheet HTML 1Page - TDK Electronics B82733F2192B001 Datasheet HTML 2Page - TDK Electronics B82733F2192B001 Datasheet HTML 3Page - TDK Electronics B82733F2192B001 Datasheet HTML 4Page - TDK Electronics B82733F2192B001 Datasheet HTML 5Page - TDK Electronics B82733F2192B001 Datasheet HTML 6Page - TDK Electronics B82733F2192B001 Datasheet HTML 7Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
05/15
Please read Cautions and warnings and
Important notes at the end of this document.
B82733F/V
Power line chokes
Characteristics and ordering codes
= approval granted
IR
A
LR
mH
Lstray,typ
H
Rtyp
m
Ordering code
horizontal
vertical
Approvals
0.7
100
2100
1810
B82733F2701B001
B82733V2701B001
0.9
68
1440
1100
B82733F2901B001
B82733V2901B001
1.1
47
970
804
B82733F2112B001
B82733V2112B001
1.2
39
800
696
B82733F2122B001
B82733V2122B001
1.4
27
550
440
B82733F2142B001
B82733V2142B001
1.9
15
310
279
B82733F2192B001
B82733V2192B001
2.3
10
210
188
B82733F2232B001
B82733V2232B001
Impedance |Z| versus frequency f
measured with windings in parallel at +20 °C,
typical values
Current derating Iop/IR
versus ambient temperature TA
Current-compensated frame core double chokes


Similar Part No. - B82733F2192B001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82733F2192B001 EPCOS-B82733F2192B001 Datasheet
119Kb / 6P
   Power line chokes
B82733F2192B001 EPCOS-B82733F2192B001 Datasheet
677Kb / 6P
   Current-compensated frame core double chokes
B82733F2192B001 EPCOS-B82733F2192B001 Datasheet
635Kb / 7P
   Power line chokes Current-compensated frame core double chokes
More results

Similar Description - B82733F2192B001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82732F2132B001 TDK-B82732F2132B001 Datasheet
647Kb / 6P
   Current-compensated frame core double chokes
logo
EPCOS
B82733F EPCOS-B82733F Datasheet
677Kb / 6P
   Current-compensated frame core double chokes
B82733F EPCOS-B82733F_13 Datasheet
635Kb / 7P
   Power line chokes Current-compensated frame core double chokes
B82732F EPCOS-B82732F Datasheet
634Kb / 6P
   Power line chokes Current-compensated frame core double chokes
logo
TDK Electronics
B82732R2102B030 TDK-B82732R2102B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com