Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82734W2701B030 Datasheet(PDF) 3 Page - TDK Electronics

Part # B82734W2701B030
Description  Current-compensated D core double chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82734W2701B030 Datasheet(HTML) 3 Page - TDK Electronics

  B82734W2701B030 Datasheet HTML 1Page - TDK Electronics B82734W2701B030 Datasheet HTML 2Page - TDK Electronics B82734W2701B030 Datasheet HTML 3Page - TDK Electronics B82734W2701B030 Datasheet HTML 4Page - TDK Electronics B82734W2701B030 Datasheet HTML 5Page - TDK Electronics B82734W2701B030 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
07/12
Please read Cautions and warnings and
Important notes at the end of this document.
Dimensional drawings and pin configurations
Vertical version (B82734R)
Horizontal version (B82734W)
Technical data and measuring conditions
Rated voltage VR
250 V AC (50/60 Hz)
Test voltage Vtest
1500 V AC, 2 s (line/line)
Rated temperature TR
+40
C / +60 °C
Rated current IR
Referred to 50 Hz and rated temperature
Rated inductance LR
Measured with Agilent 4284A at 10 kHz, 0.1 mA, +20 °C In-
ductance is specified per winding.
Inductance tolerance
–30%/+50% at +20°C
Inductance decrease
L/L
0
< 10% at DC magnetic bias with IR, +20 °C
Stray inductance Lstray,typ
Measured with Agilent 4284A at 10 kHz, 5 mA, +20 °C, typical
values
DC resistance Rtyp
Measured at +20 °C, typical values, specified per winding
Solderability (lead-free)
Sn96.5Ag3.0Cu0.5: +(245
5) °C, (3 0.3) s
Wetting of soldering area
95% (to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260
5) °C, (10 1) s
(to IEC 60068-2-20, test Tb)
Climatic category
40/125/56 (to IEC 60068-1)
Storage conditions (packaged)
–25 °C … +40 °C,
75% RH
Weight
Approx. 30 g
Approvals
EN 60938-2, UL 1283
IND0288-3
15±0.2
32.5 max.
21 max.
1
43
2
1
4
2
3
0.7
IND0289-B
10.5 max.
15±0.2
32.5 max.
20.5 max.
˚
90
˚
±5
1
43
2
1
4
2
3
0.7
Tolerances to ISO 2768-C unless otherwise noted.
Dimensions in mm.
B82734R/W
Power line chokes
Current-compensated D core double chokes


Similar Part No. - B82734W2701B030

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82734W2701B030 EPCOS-B82734W2701B030 Datasheet
164Kb / 6P
   Power line chokes
More results

Similar Description - B82734W2701B030

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82732R2102B030 TDK-B82732R2102B030 Datasheet
571Kb / 6P
   Current-compensated D core double chokes
logo
EPCOS
B82731M2701A30 EPCOS-B82731M2701A30 Datasheet
716Kb / 6P
   Current-compensated D core double chokes
logo
TDK Electronics
B82731H2112A030 TDK-B82731H2112A030 Datasheet
777Kb / 6P
   Current-compensated D core double chokes
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82733F2112B001 TDK-B82733F2112B001 Datasheet
681Kb / 7P
   Current-compensated frame core double chokes
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82731T2102A020 TDK-B82731T2102A020 Datasheet
748Kb / 7P
   Current-compensated E core double chokes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com