Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82727E6503A040 Datasheet(PDF) 2 Page - TDK Electronics

Part # B82727E6503A040
Description  Current-compensated ring core double chokes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82727E6503A040 Datasheet(HTML) 2 Page - TDK Electronics

  B82727E6503A040 Datasheet HTML 1Page - TDK Electronics B82727E6503A040 Datasheet HTML 2Page - TDK Electronics B82727E6503A040 Datasheet HTML 3Page - TDK Electronics B82727E6503A040 Datasheet HTML 4Page - TDK Electronics B82727E6503A040 Datasheet HTML 5Page - TDK Electronics B82727E6503A040 Datasheet HTML 6Page - TDK Electronics B82727E6503A040 Datasheet HTML 7Page - TDK Electronics B82727E6503A040 Datasheet HTML 8Page - TDK Electronics B82727E6503A040 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
05/15
Please read Cautions and warnings and
Important notes at the end of this document.
Rated voltage 600 V AC / 1000 V DC
Rated inductance 0.42 ... 3.3 mH
Rated current 20 ... 50 A / +70 °C
Construction
Current-compensated ring core double choke
Ferrite core
Plastic core case incl. spacer (UL 94 V-0, CTI600)
Plastic base plate (UL 94 V-0)
Sector winding
Clearance and creepage distances 8 mm
Features
Insulation for high voltage applications
Approx. 0.6 ... 0.8% stray inductance for
symmetrical interference suppression
Wide range of values due to 3 core sizes
High rated current and rated temperature
Suitable for wave soldering
Design complies with EN 60938-2 (VDE 0565-2)
UL 1446 class 155 (F) electrical insulation system
Recyclable owing to omission of adhesives
RoHS-compatible
Applications
Suppression of common-mode interferences
High-voltage switch-mode power applications
Power inverters
Frequency converters
Terminals
Ends of winding wires
Hot-dip tinned
Marking
Product brand, electrical insulation system designation, ordering code,
rated voltages, rated inductance, rated current, date of manufacture
(YYWWD.internal ID code), production place identification code
Delivery mode
Cardboard box
Size B
Size C
Size A
B8272*E6
Power line chokes
Current-compensated ring core double chokes


Similar Part No. - B82727E6503A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
More results

Similar Description - B82727E6503A040

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com