Electronic Components Datasheet Search |
|
B82733F2112B001 Datasheet(PDF) 2 Page - TDK Electronics |
|
B82733F2112B001 Datasheet(HTML) 2 Page - TDK Electronics |
2 / 7 page 2 05/15 Please read Cautions and warnings and Important notes at the end of this document. Rated voltage 300 V AC Rated inductance 10 ... 100 mH Rated current 0.7 ... 2.3 A / +40 °C Construction ■ Current-compensated frame double chokes ■ Closed magnetic circuit with frame construction made of ferrite ■ Epoxy coating (UL94 V-0) ■ Plastic coil former (UL94 V-0) ■ 2-section winding ■ Sector winding ■ Clearance and creepage distances >4 mm Features ■ High inductance with low resistance ■ Approx. 2% stray inductance for symmetrical interference suppression ■ High pulse-handling capability ■ Very good inductance/rated current ratio ■ Low height (14 mm, B82733F) ■ Suitable for wave soldering ■ Design complies with EN 60938-2 (VDE 0565-2) and UL 1283 ■ ENEC (VDE) and UL approval ■ RoHS-compatible Applications ■ Suppression of common-mode and differential-mode interferences ■ Electronic ballasts for lamps ■ Switch-mode power applications Terminals ■ Base material CP wire ■ Hot dipped ■ Pins 0.7 0.7 mm ■ Lead spacing: B82733F: 20 22.5 mm B82733V: 10 18.75 mm Marking Product brand, date of manufacture (YYWWD), production place identification code, ordering code, approval signs Delivery mode Polystyrene tray, anti-static, in cardboard box B82733F/V Power line chokes Current-compensated frame core double chokes |
Similar Part No. - B82733F2112B001 |
|
Similar Description - B82733F2112B001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |