Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM-03S-24 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-03S-24
Description  3W Output Power
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-03S-24 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-03S-24 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-03S-24 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Model Selection Guide
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Pin
Function
Pin
Function
1
AC-Line
16
+VOUT
3
AC-Neutral
22
+VCAP
13 No Connection
26
-VCAP
14
-VOUT
Pin Connections
Model
Number
Input
Output
Standby
Power
(W, Max)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
(mA Max.)
115 VAC
230 VAC
MPM-03S-03
0.065
0.030
3.3
700
0.25
63
MPM-03S-05
0.065
0.030
5.0
600
0.30
72
MPM-03S-09
0.065
0.030
9.0
330
0.35
74
MPM-03S-12
0.065
0.030
12.0
250
0.35
76
MPM-03S-15
0.065
0.030
15.0
200
0.35
76
MPM-03S-24
0.065
0.030
24.0
125
0.35
78
Derating Curve
Mechanical Dimensions
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Typical Connection
1. It is recommended that an external fuse and NTC be used.The recommended
fuse is a 0.5A/250V slow blow and for the NTC, a 5D-9.
2. An external MOV is recommended on the input to protect the unit in the event
of a surge. A 561KD14 or equivalent is recommended.
3. Recommended output filtering capacitors are:
C1
C2
C3
TVS
MPM-03S-03
1.0 µF
150 µF
4.7 µF/400V
SMBJ7.0A
MPM-03S-05
1.0 µF
150 µF
4.7 µF/400V
SMBJ7.0A
MPM-03S-09
1.0 µF
120 µF
4.7 µF/400V
SMBJ12A
MPM-03S-12
1.0 µF
120 µF
4.7 µF/400V
SMBJ20A
MPM-03S-15
1.0 µF
120 µF
4.7 µF/400V
SMBJ20A
MPM-03S-24
1.0 µF
68 µF
4.7 µF/400V
SMBJ30A
The output filtering capacitor (C
2
) is a high frequency,low resistance electrolytic
capacitor. Capacitor (C
1
) is ceramic. Voltage derating of capacitors should be
80% or above.
4. Input noise and surge suppression modules are available for a number of
MPD AC/DC power supplies. An MPM-03S connection with the ACFM-01 is
illustrated in the diagram at left. For pricing or full technical information on
these modules (ACFM-01 and ACFM-02) please contact the factory.
Notes:
1. For the 3.3V output model, Output Accuracy is ±3.0%
2. Operation at no load will not damage the units, however, they may not
meet all specifications.
3. Load regulation is measured for an output change of 10% to 100% at
nominal input line.
4. All units are rated for EN 55022 (CE/RE) class A without external components.
They will meet EN 55022 class B with the addition of the ACFM-01 (or a
similar discrete filter circuit). Contact the factory for more information.
5. To meet the input surge requirements of EN 61000-4-4 (±2 kV) & EN 61000-4-5
(±1 kV /±2 kV), external components are needed. This can be done discretely,
or with the addition of the ACFM-01. Contact the factory for more information.
6. It is recommended that a fuse be used on the input of a power supply for
protection. For the MPM-03S series, a 0.5A/250 VAC slow blow should
be used.
Input Voltage Vs Load
The diagram below illustrates a typical application connection of the MPM-03S series. Notes on this circuit (starting with the input circuit) are:
Typical Connection: With ACFM-01 Input Module (See note 4)


Similar Part No. - MPM-03S-24

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-03S-24 MPD-MPM-03S-24 Datasheet
189Kb / 2P
   Single Output, 3W Ultra-Miniature DIP AC/DC Power Supplies
MPM-03S-24MM MPD-MPM-03S-24MM Datasheet
532Kb / 2P
   3W Output Power
More results

Similar Description - MPM-03S-24

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPL-03SEUP MPD-MPL-03SEUP Datasheet
1Mb / 4P
   3W Output Power
MPM-03SMM MPD-MPM-03SMM Datasheet
532Kb / 2P
   3W Output Power
logo
DIWELL Electronics Co.,...
IRM-03 DIWELL-IRM-03 Datasheet
96Kb / 4P
   3W Output Switching Power Supply
2016-07-14
logo
MORNSUN Science& Techno...
RSB1205T-3W MORNSUN-RSB1205T-3W Datasheet
191Kb / 2P
   3W SINGLE OUTPUT SMD PACKAGE
logo
Elite Enterprises (H.K....
PM2L-3LXE-SD ELITE-PM2L-3LXE-SD Datasheet
1Mb / 20P
   3W Power LED
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
logo
M/A-COM Technology Solu...
MAAP-010517 MA-COM-MAAP-010517 Datasheet
490Kb / 8P
   3W Power Amplifier
MAAP-010517 MA-COM-MAAP-010517_15 Datasheet
490Kb / 8P
   3W Power Amplifier
logo
Elite Enterprises (H.K....
PR2N-3LXE-SD ELITE-PR2N-3LXE-SD Datasheet
1Mb / 21P
   3W Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com