Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LDB24-14-300 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # LDB24-14-300
Description  Constant Current Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LDB24-14-300 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  LDB24-14-300 Datasheet HTML 1Page - MicroPower Direct, LLC LDB24-14-300 Datasheet HTML 2Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MicroPower Direct
We Power Your Success - For Less!
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
FAX: (781) 344-8481
E-Mail: sales@micropowerdirect.com
Notes:
All dimensions are typical in inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Connection Notes:
1. The input filter components (C1, L1, L2, T1, C2 & C3) are used to meet the conducted emissions requirements of EN 55022
class B. With the addition of the filter, the unit should also meet the levels of EN 55015. Component values may need to be
changed slightly depending upon application variables.
2. To comply with EN61000-4-5, a TVS should be installed before the input filter components. The TVS max clamping voltage
(@max peak pulse current VC) must be
38V.
3. As shown in the graph (Output Current vs DIM Input Voltage) above, the output current of the unit can be set by adjusting the
voltage level on the DIM input to a value between 0.4V and 1.7V (IOUT will vary from 0% to 100% of rated output current).
Care must be taken not to exceed 5.0V on this input, or the driver may be damaged. In the circuit above, the voltage level at
the DIM input is set by a simple resistor network (R1, R2, and R3). The regulator (Z1) will maintain the voltage across R2 and
R3, insuring that the limit on the DIM pin will not be exceeded. The value of R1is given for a 24V input.
4. The resistor R4 is used to set the “undervoltage protection” level (if used). Contact the factory for more information.
Analog Dimming
Output Current vs DIM Input Voltage
Model
Number
Input
Output
Max.
Power
(W)
Ripple &
Noise
(mV P-P, Max)
Efficiency
At FL (%)
Operating
Temp. Range
Voltage
Voltage
Current
Range (VDC) Range (VDC) Max (mA)
Min
Max Min (ºC) Max (ºC)
LDB24-07-150
9.0 - 36.0
14.0 - 48.0
150
7.2
350
86
91
-40
+85
LDB24-12-250
9.0 - 18.0
14.0 - 48.0
250
12.0
450
89
93
-40
+80
18.0 - 36.0
-40
+85
LDB24-14-300
9.0 - 18.0
14.0 - 48.0
300
14.4
450
89
94
-40
+80
18.0 - 36.0
-40
+85
LDB24-16-350
9.0 - 18.0
14.0 - 48.0
350
16.8
600
89
94
-40
+75
18.0 - 36.0
-40
+85
LDB24-24-500
9.0 - 18.0
14.0 - 45.0
500
24.0
650
90
95
-40
+70
18.0 - 36.0
23.0 - 48.0
-40
+80
LDB24-28-600
9.0 - 18.0
14.0 - 38.0
600
28.8
650
91
95
-40
+70
18.0 - 36.0
23.0 - 48.0
-40
+75
LDB24-33-700
9.0 - 18.0
14.0 - 32.0
700
33.6
700
91
95
-40
+70
18.0 - 36.0
23.0 - 48.0
-40
+75
Model Selection Guide
Mechanical Dimensions
www.micropowerdirect.com
Notes:
All dimensions are typical in inch
NOTES:
1. These are “step-up” devices. The output must be kept 5.0V
higher than the input. Excessive heating could occur if it is not.
2. A reversed power source could damage the unit.
3. No connection should be made between input ground and the
output.
4. The driver has an under voltage shutdown feature that can be
used to automatically turn the driver off when a preset input
voltage level is reached. This could be useful in applications
where a battery supplies the input bus voltage. This connection
is illustrated in the connection diagram below.
5. Unless output ripple needs to be reduced for a specific ap-
plication requirement, capacitance should not be added to the
output of the driver. Adding ouput capacitance will delay the
start of the unit.
6. Maximum operating temperature is given for ambient, with
convection cooling.
7. Exceeding 8V for more than 0.1S on the DIM input may damge
the unit.
8. Exceeding the specified maximum output power could cause dam-
age to the unit.
9. The remote on/off input (pin 3) should be left open if not used.
PWM Dimming
Pin Connections
Pin
Function
1+VIN
+DC Supply
2
DIM
PWM/Analog Dimming
3
EN
On/Off Control
4-VIN
-DC Supply
5
+LED
LED Anode Conn.
6
-LED
LED Cathode Conn.
Connection Notes:
1. Output current can also be adjusted by using a pulse
width modulated (PWM) signal. By varying the signal
duty cycle (as shown at right) the on time of the LED
is varied. This changes the apparent brightness of the
LED, because the human eye will “average” the amount
of light in the pulsed output. To avoid visible flicker, the
PWM signal should be greater than 100 Hz (>200 Hz
is recommended).
2. The pulse amplitude of the PWM signal should not be
set to a level that produces a peak output current level
that exceeds the rated operating current of the LED’s
being powered. The “VDIM” used for the peak amplitude in the circuit above is the control voltage at the DIM input that
will provide the optimum drive current for the LED lamps. This level can be approximated from the graph above right.
3. The DIM input is shown being driven by an open collector transistor. The resistor and diode (D1, R2) supress high
amplitude spikes that may be caused by the collector-emitter capacitance
of the transistor. These could cause errors in the driver output current or
erratic operation. The DIM input can also be driven by an open drain source
such as a typical microcontroller output.
PWM Dimming Signals


Similar Part No. - LDB24-14-300

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LDB24-14-300(Wxy) MPD-LDB24-14-300(Wxy) Datasheet
438Kb / 4P
   Compact, Boost Constant Current DC/DC LED Drivers
More results

Similar Description - LDB24-14-300

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com