Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPM-10SV-09 Datasheet(PDF) 2 Page - MicroPower Direct, LLC

Part # MPM-10SV-09
Description  10W Output Power
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPM-10SV-09 Datasheet(HTML) 2 Page - MicroPower Direct, LLC

  MPM-10SV-09 Datasheet HTML 1Page - MicroPower Direct, LLC MPM-10SV-09 Datasheet HTML 2Page - MicroPower Direct, LLC MPM-10SV-09 Datasheet HTML 3Page - MicroPower Direct, LLC MPM-10SV-09 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Model Selection Guide
Model
Number
Input
Output
Over Volt.
Protection
(VDC)
Capacitive
Load
(µF, Max)
Efficiency
(%, Typ)
Current (A)
Voltage
(VDC)
Current
(A Max.)
Power
(W)
115 VAC
230 VAC
MPM-10SV-03
0.26
0.16
3.3
2.00
6.60
7.5
26,000
70
MPM-10SV-05
0.26
0.16
5.0
2.00
10.0
7.5
9,400
76
MPM-10SV-09
0.26
0.16
9.0
1.10
10.0
12.0
3,600
78
MPM-10SV-12
0.26
0.16
12.0
0.90
10.0
20.0
2,400
80
MPM-10SV-15
0.26
0.16
15.0
0.70
10.0
20.0
1,200
81
MPM-10SV-24
0.26
0.16
24.0
0.45
10.0
30.0
370
82
Derating Curve
Typical Connection
1. It is recommended that an external fuse and NTC be used. The
recommended fuse is a 1.0A/300 VAC slow blow.
2. All units are rated for EN 55022 (CE/RE) class B without external
components.
3. All units are rated for EN 61000-4-4 (±2 kV) with the addition of
the MOV shown in the typical connection above. They will meet
EN 61000-4-4 (±4 kV) with the additional input components
shown in the typical connection diagram shown on page 3.
4. All units are rated for EN 61000-4-5 (±1 kV/±2 kV) with the addi-
tion of the MOV shown in the typical connection above. They will
Notes:
1. Operation at no load will not damage the units, however, they
may not meet all specifications.
2. Load regulation is measured for an output change of 10% to
100% at nominal input line.
3. When measuring output ripple, it is recommended that an
external 0.1 µF high frequency ceramic capacitor be placed
in parallel with a 47 µF high frequency electrolytic capacitor
from the +VOUT pin to the -VOUT pin.
4. The max lead temp for wave soldering is ±5% for a time
period of 5 to 10S. For hand soldering, it is ±10% for 3 to 5S.
Input Voltage Vs Load
The diagram above illustrates a typical application connection of the MPM-10SV series. Notes on this circuit (starting with the input circuit) are:
MPD offers a wide variety of input protection and
filtering modules for use with our AC & DC power
modules. The MACFM-02A may be used with
the MPM-10SV, as shown on page. Full data-
sheets for all our input modules are available on
our website, or call the factory for a more help.
5. All units are rated for EN 55022 (CE/RE) class B without
external components.
6. All units are rated for EN 61000-4-4 (±2 kV) with the addi-
tion of the MOV shown in the typical connection below. They
will meet EN 61000-4-4 (±4 kV) with the additional input
components shown in the typical connection diagram shown
on page 3.
7. All units are rated for EN 61000-4-5 (±1 kV/±2 kV) with the addi-
tion of the MOV shown in the typical connection below. They will
meet EN 61000-4-5 (±2 kV /±4 kV) with the input components
shown in the typical connection diagram on page 3.
8. It is recommended that a fuse be used on the input of a power
supply for protection. For the MPM-10SV-xx series, a
2.0A/300 VAC slow blow should be used.
meet EN 61000-4-5 (±2 kV /±4 kV) with the input components
shown in the typical connection diagram on page 3.
5. If output noise levels lower than the specified limits are required,
the addition of C1 and C2 should be sufficient for most applications.
The recommended values are shown in the table at right. The
output filtering capacitor C2 is a high frequency, low resistance
electrolytic capacitor. Capacitor C1 is ceramic. Voltage derating
of capacitors should be 80% or above.
6. The TVS is added to protect circuits being powered from damage
if the module fails.
Model
C1
C2
TVS
MPM-10SV-03
1.0 µF/50V
470 µF/10V
SMBJ7.0A
MPM-10SV-05
1.0 µF/50V
330 µF/10V
SMBJ7.0A
MPM-10SV-09
1.0 µF/50V
120 µF/25V
SMBJ12A
MPM-10SV-12
1.0 µF/50V
120 µF/25V
SMBJ20A
MPM-10SV-15
1.0 µF/50V
120 µF/25V
SMBJ20A
MPM-10SV-24
1.0 µF/50V
68 µF/35V
SMBJ30A


Similar Part No. - MPM-10SV-09

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPM-10S-03 MPD-MPM-10S-03 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-10S-03IS MPD-MPM-10S-03IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10S-05 MPD-MPM-10S-05 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
MPM-10S-05IS MPD-MPM-10S-05IS Datasheet
248Kb / 2P
   Chassis Mount, 15W Single, Dual & Triple Out AC/DC Power Supplies
MPM-10S-09 MPD-MPM-10S-09 Datasheet
192Kb / 2P
   Compact, 10W PC Mount Single, Dual & Triple Out AC/DC Power Supplies
More results

Similar Description - MPM-10SV-09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4220 TI1-PT4220_14 Datasheet
389Kb / 8P
[Old version datasheet]   10W Output Power
logo
Mean Well Enterprises C...
PM-10 MEANWELL-PM-10 Datasheet
246Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_10 Datasheet
249Kb / 2P
   10W Output Switching Power Supply
IRM-10 MEANWELL-IRM-10 Datasheet
161Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10 Datasheet
260Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_09 Datasheet
262Kb / 2P
   10W Output Switching Power Supply
NFM-10 MEANWELL-NFM-10_12 Datasheet
277Kb / 2P
   10W Output Switching Power Supply
PM-10 MEANWELL-PM-10_12 Datasheet
263Kb / 2P
   10W Output Switching Power Supply
logo
SL Power Electronics
ME10 SLPOWER-ME10_16 Datasheet
599Kb / 4P
   10W-12W Single Output External Power
TE10 SLPOWER-TE10_16 Datasheet
806Kb / 5P
   10W-12W Single Output External Power
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com