Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LD48-09-150 Datasheet(PDF) 1 Page - MicroPower Direct, LLC

Part # LD48-09-150
Description  Constant Current Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

LD48-09-150 Datasheet(HTML) 1 Page - MicroPower Direct, LLC

  LD48-09-150 Datasheet HTML 1Page - MicroPower Direct, LLC LD48-09-150 Datasheet HTML 2Page - MicroPower Direct, LLC LD48-09-150 Datasheet HTML 3Page - MicroPower Direct, LLC LD48-09-150 Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Input
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
7.0
60.0
VDC
Max Input Voltage
0.5 Sec. Max
65.0
VDC
Input Filter
Internal Capacitor
Output
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage Range
VIN = 60V
2
57
VDC
Output Current
See Model Selection Guide
Output Current Accuracy
See Model Selection Guide
Output Power
See Model Selection Guide
Efficiency
See Model Selection Guide
Capacitive Load
470
µF
Operating Frequency
20
500
kHz
Ripple & Noise (20 MHz)
See Model Selection Guide
Temperature Coefficient
±0.03
%/ºC
Thermal Impedance
Natural Convection
+30
º
C/W
Output Short Circuit
Regulated At Rated Output Current
Environmental
Parameter
Conditions
Min.
Typ.
Max.
Units
Operating Temperature Range
Ambient
-40
+25
+85
º
C
Case
+110
Storage Temperature Range
-40
+125
º
C
Cooling
Free Air Convection
Humidity
RH, Non-condensing
95
%
Lead Temperature (Solder)
1.5 mm From Case For 10 Sec
260
ºC
Physical
Case Size
1.25 x 0.80 x 0.49 Inches (31.75 x 20.32 x 12.45 mm)
Case Material
Non-Conductive Black Plastic (UL94-V0)
Weight
0.622 Oz (17.7g)
Remote On/Off Control
Parameter
Conditions
Min.
Typ.
Max.
Units
DC/DC On
Open or 0.3V < VADJ <1.25V
DC/DC Off
VADJ <0.15V
Remote Pin Drive Current
VADJ = 1.25V
1
mA
Quiescent Input Current (Shutdown Mode)
VIN = 60V
100
µA
PWM Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation Frequency
Recommended Maximum
1.0
kHz
Switch On Time
200
nS
Switch Off Time
200
nS
Analog Dimming
Parameter
Conditions
Min.
Typ.
Max.
Units
Input Voltage Range
At VADJ Input (Pin 4)
0.3
1.25
VDC
Output Current Adjustment
25
100
%
Control Voltage Range Limits
On
0.20
0.30
VDC
Off
0.15
0.25
Drive Current
VADJ = 1.25V
1.0
mA
EMC Compliance
EMI/RFI
Radiated/Conducted
EN 55015 (CISPR22)
Electrostatic Discharge (ESD)
Class A
IEC/EN 61000-4-2, -6, -8
RF Field Susceptibility
Class A
IEC/EN 61000-4-3
Electrical Fast Transients/Bursts On Mains
Class A
IEC/EN 61000-4-4
EMS Immunity
EN61547
Reliability Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
MTBF
MIL HDBK 217F, 25ºC, Gnd Benign
950
kHours
MicroPower Direct
292 Page Street
Suite D
Stoughton, MA 02072
USA
T: (781) 344-8226
F: (781) 344-8481
E: sales@micropowerdirect.com
W: www.micropowerdirect.com
www.micropowerdirect.com
Electrical Specifications
Specifications typical @ +25°C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
LD48-xx-xxx
Compact, Wide Input
Constant Current
DC/DC LED Drivers
Key Features:
Constant Current Output
Wide 7V to 60V Input Range
Efficiency to 97%
Miniature MiniDIP Case
300 mA to 1A Output
Meets EN 60950
950 kHrs MTBF
Digital & Analog Dimming!
Models Available
with Wire Leads
(IP67 Rated)


Similar Part No. - LD48-09-150

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
LD48-09-150 MPD-LD48-09-150 Datasheet
632Kb / 4P
   Compact, Wide Input Constant Current DC/DC LED Drivers
LD48-09-150W MPD-LD48-09-150W Datasheet
639Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Compact, Wired Constant Current DC/DC LED Drivers
More results

Similar Description - LD48-09-150

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
LDU4860S250 XPPOWER-LDU4860S250 Datasheet
339Kb / 4P
   Constant Current Output
logo
MicroPower Direct, LLC
LD48-09-150W(A) MPD-LD48-09-150W(A) Datasheet
639Kb / 4P
   Constant Current Output
LDM24-14-500 MPD-LDM24-14-500 Datasheet
607Kb / 4P
   Constant Current Output
LD24-08-350W(A) MPD-LD24-08-350W(A) Datasheet
614Kb / 4P
   Constant Current Output
LD24-04-150 MPD-LD24-04-150 Datasheet
632Kb / 4P
   Constant Current Output
LDM12-04-300 MPD-LDM12-04-300 Datasheet
590Kb / 4P
   Constant Current Output
LDB24-07-150 MPD-LDB24-07-150 Datasheet
325Kb / 2P
   Constant Current Output
logo
XP Power Limited
LDU2430S1000 XPPOWER-LDU2430S1000 Datasheet
339Kb / 4P
   Constant Current Output
LDU56 XPPOWER-LDU56 Datasheet
85Kb / 2P
   Constant Current Output
logo
Mean Well Enterprises C...
HBG-240P MEANWELL-HBG-240P Datasheet
173Kb / 7P
   CONSTANT VOLTAGECONSTANT CURRENT MODE OUTPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com