Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPU-400D Datasheet(PDF) 3 Page - MicroPower Direct, LLC

Part # MPU-400D
Description  Compact 400W Supply
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPD [MicroPower Direct, LLC]
Direct Link  http://www.micropowerdirect.com
Logo MPD - MicroPower Direct, LLC

MPU-400D Datasheet(HTML) 3 Page - MicroPower Direct, LLC

  MPU-400D Datasheet HTML 1Page - MicroPower Direct, LLC MPU-400D Datasheet HTML 2Page - MicroPower Direct, LLC MPU-400D Datasheet HTML 3Page - MicroPower Direct, LLC MPU-400D Datasheet HTML 4Page - MicroPower Direct, LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MicroPower Direct 292 Page Street Ste D Stoughton, MA 02072 TEL: (781) 344-8226 FAX: (781) 344-8481 E-Mail: sales@micropowerdirect.com
www.micropowerdirect.com
Mechanical Dimensions
Mechanical Dimensions, Top Fan “F” Models
Notes:
All dimensions are typical in
inches (mm)
Tolerance x.xx = ±0.02 (±0.50)
Notes:
All dimensions are typical in
inches (mm)
Tolerance x.xx = ±0.02 (±0.50)


Similar Part No. - MPU-400D

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MPU-400CS MPD-MPU-400CS Datasheet
371Kb / 2P
   MPU-400CS Series
MPU-400M MPD-MPU-400M Datasheet
376Kb / 2P
   MPU-400M Series
MPU-400S MPD-MPU-400S Datasheet
411Kb / 2P
   MPU-400 Series
MPU-400SE MPD-MPU-400SE Datasheet
344Kb / 2P
   MPU-400ESeries
MPU-400SF MPD-MPU-400SF Datasheet
352Kb / 2P
   MPU-400FSeries
More results

Similar Description - MPU-400D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
   400W400W Redundant Power Supply
R4S-400G1V2 ETC2-R4S-400G1V2 Datasheet
319Kb / 13P
   400W400W Mini Redundant Power Supply
logo
ETA-USA
EPF400-380 ETA-USA-EPF400-380 Datasheet
4Mb / 5P
   400W Power Supply
logo
BOSER Technology Co., L...
ARI-6400F BOSER-ARI-6400F Datasheet
79Kb / 1P
   400W Redundant Power Supply
logo
Communications & Power ...
VZX-6984A4 CPI-VZX-6984A4 Datasheet
168Kb / 2P
   400W Compact Medium Power Amplifier
VZC-6964 CPI-VZC-6964 Datasheet
130Kb / 2P
   400W Compact Medium Power Amplifier
logo
List of Unclassifed Man...
EFRP-G2400 ETC2-EFRP-G2400 Datasheet
438Kb / 2P
   2U 400W Server Power Supply
EFRP-2400 ETC2-EFRP-2400 Datasheet
286Kb / 2P
   ERP2U 400W Server Power Supply
logo
Tumbler Technologies + ...
TIPC400-FX TRUMPOWER-TIPC400-FX Datasheet
150Kb / 1P
   400W FlexATX IPC Power Supply
logo
Advantech Co., Ltd.
96PS-A400WFX-2 ADVANTECH-96PS-A400WFX-2 Datasheet
414Kb / 2P
   400W Flex ATX Power Supply
27-Jun-2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com