Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HBA1514S6R-0-T1-G Datasheet(PDF) 7 Page - Cystech Electonics Corp.

Part # HBA1514S6R-0-T1-G
Description  General Purpose PNP Epitaxial Planar Transistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBA1514S6R-0-T1-G Datasheet(HTML) 7 Page - Cystech Electonics Corp.

  HBA1514S6R-0-T1-G Datasheet HTML 1Page - Cystech Electonics Corp. HBA1514S6R-0-T1-G Datasheet HTML 2Page - Cystech Electonics Corp. HBA1514S6R-0-T1-G Datasheet HTML 3Page - Cystech Electonics Corp. HBA1514S6R-0-T1-G Datasheet HTML 4Page - Cystech Electonics Corp. HBA1514S6R-0-T1-G Datasheet HTML 5Page - Cystech Electonics Corp. HBA1514S6R-0-T1-G Datasheet HTML 6Page - Cystech Electonics Corp. HBA1514S6R-0-T1-G Datasheet HTML 7Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
CYStech Electronics Corp.
Spec. No. : C307S6R
Issued Date : 2016.03.30
Revised Date :
Page No. : 7/7
HBA1514S6R
CYStek Product Specification
SOT-363 Dimension
Marking:
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.100
0.035
0.043
E1
2.150
2.450
0.085
0.096
A1
0.000
0.100
0.000
0.004
e
0.650 TYP
0.026 TYP
A2
0.900
1.000
0.035
0.039
e1
1.200
1.400
0.047
0.055
b
0.150
0.350
0.006
0.014
L
0.525 REF
0.021 REF
c
0.080
0.150
0.003
0.006
L1
0.260
0.460
0.010
0.018
D
2.000
2.200
0.079
0.087
θ
E
1.150
1.350
0.045
0.053
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.
6-Lead SOT-363 Plastic
Surface Mounted Package
CYStek Package Code: S6R
Style:
Pin 1. Emitter1 (E1)
Pin 2. Base1 (B1)
Pin 3. Collector2 (C2)
Pin 4. Emitter2 (E2)
Pin 5. Base2 (B2)
Pin 6. Collector1 (C1)
Device
Code
Date Code:
Year + Month
Year : 6→2006,
7→2007,…, etc
Month : 1→Jan
2→Feb, …, 9→
Sep, A→Oct, B
Nov, C→Dec
2L


Similar Part No. - HBA1514S6R-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
HBA1 BOTHHAND-HBA1 Datasheet
768Kb / 7P
   Isolated DC-DC Converters
HBA1-05D0H6 BOTHHAND-HBA1-05D0H6 Datasheet
768Kb / 7P
   Isolated DC-DC Converters
HBA1-05D0H6 BOTHHAND-HBA1-05D0H6 Datasheet
768Kb / 7P
   Isolated DC-DC Converters
HBA1-05D1H6 BOTHHAND-HBA1-05D1H6 Datasheet
768Kb / 7P
   Isolated DC-DC Converters
HBA1-05D1H6 BOTHHAND-HBA1-05D1H6 Datasheet
768Kb / 7P
   Isolated DC-DC Converters
More results

Similar Description - HBA1514S6R-0-T1-G

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBA1873S5 CYSTEKEC-HBA1873S5 Datasheet
267Kb / 7P
   General Purpose PNP Epitaxial Planar Transistors
HBP1037S5 CYSTEKEC-HBP1037S5 Datasheet
253Kb / 6P
   General Purpose PNP Epitaxial Planar Transistors
HBA8573S6R CYSTEKEC-HBA8573S6R Datasheet
255Kb / 6P
   General Purpose PNP Epitaxial Planar Transistors
HBP1037C6 CYSTEKEC-HBP1037C6 Datasheet
269Kb / 6P
   General Purpose PNP Epitaxial Planar Transistors
HBP2907S6R CYSTEKEC-HBP2907S6R Datasheet
193Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors(dual transistors)
HBP1037S6R CYSTEKEC-HBP1037S6R Datasheet
203Kb / 5P
   General Purpose PNP Epitaxial Planar Transistors (dual transistors)
HBNP54S6 CYSTEKEC-HBNP54S6 Datasheet
323Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP3946S6R CYSTEKEC-HBNP3946S6R Datasheet
152Kb / 5P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP45C6 CYSTEKEC-HBNP45C6 Datasheet
283Kb / 7P
   General Purpose NPN / PNP Epitaxial Planar Transistors
HBNP54S6 CYSTEKEC-HBNP54S6_17 Datasheet
332Kb / 9P
   General Purpose NPN / PNP Epitaxial Planar Transistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com