Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB39D256160TE-6 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # HYB39D256160TE-6
Description  MEMORY SPECTRUM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

HYB39D256160TE-6 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button HYB39D256160TE-6 Datasheet HTML 2Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 3Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 4Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 5Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 6Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 7Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 8Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 9Page - Infineon Technologies AG HYB39D256160TE-6 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
XX = Lead and Halogen-Free
6
DDR Components
Generation Organization
Package
Speed
Latency
Sales Description
Speed No.
Ordering Code
Prod.
Green
512 Mb
DDR266A
2-3-3
HYB25D512400AT-
7
Q67100
Q4413
Now
128 M x 4
TSOP-66 (400 mil)
HYB25D512400BE-
7
Q67100
Q5202
256 M x 4
TSOP stack (400 mil)
DDR266A
2-3-3
HYB25D1G400BG-
7
On request
Now
XX
DDR266A
2-3-3
7
Q67100
Q4412
64 M x 8
TSOP-66 (400 mil)
DDR333
2.5-3-3
HYB25D512800AT-
6
Q67100
Q4415
Now
DDR333
2.5-3-3
6
Q67100
Q5205
DDR400
3-3-3
HYB25D512800BE-
5
Q67100
Q5204
Now
XX
DDR266A
2-3-3
HYB25D512160AT-
7
Q67100
Q4411
Now
DDR333
2.5-3-3
HYB25D512160AT-
6
Q67100
Q4416
Now
32 M x 16
TSOP-66 (400 mil)
DDR333
2.5-3-3
6
Q67100
Q5209
DDR400
3-3-3
HYB25D512160BE-
5
Q67100
Q5208
Now
XX
512 Mb
DDR333
2.5-3-3
6
Q67100
Q1661
FBGA
128 M x 4
FBGA 60 (10 x 12 mm)
DDR400
3-3-3
HYB25D512400BC-
5
Q67100
Q1693
Now
DDR333
2.5-3-3
HYB25D512800BC-
6
Q67100
Q1663
Now
64 M x 8
FBGA 60 (10 x 12 mm)
DDR333
2.5-3-3
HYB25D512800BF-
6
Q67100
Q5215
Now
XX
DDR400
3-3-3
HYB25D512800BC-
5
Q67100
Q1451
Now
DDR400
3-3-3
HYB25D512800BF-
5
Q67100
Q1452
Now
XX
DDR333
2.5-3-3
6
Q67100
Q1453
32 M x 16
FBGA 60 (10 x 12 mm)
DDR400
3-3-3
HYB25D512160BC-
5
Q67100
Q1454
Now


Similar Part No. - HYB39D256160TE-6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
HYB39L128160AC INFINEON-HYB39L128160AC Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
HYB39L128160AC-7.5 INFINEON-HYB39L128160AC-7.5 Datasheet
569Kb / 6P
   BJAWBMSpecialty DRAMs Mobile-RAM
HYB39L128160AC-75 INFINEON-HYB39L128160AC-75 Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
HYB39L128160AC-8 INFINEON-HYB39L128160AC-8 Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
HYB39L128160AT INFINEON-HYB39L128160AT Datasheet
938Kb / 49P
   128-MBIT SYNCHRONOUS LOW-POWER DRAM
2003-02
More results

Similar Description - HYB39D256160TE-6

ManufacturerPart #DatasheetDescription
logo
Good Will Instrument Co...
GSP-930 GWINSTEK-GSP-930 Datasheet
2Mb / 2P
   SPECTRUM ANALYZER
logo
List of Unclassifed Man...
H500 ETC2-H500 Datasheet
1Mb / 12P
   Spectrum Analyzer
logo
TEKTRONIX, INC.
RSA600A TEKTRONIX-RSA600A Datasheet
1Mb / 32P
   Spectrum Analyzer
logo
Agilent(Hewlett-Packard...
8560EC HP-8560EC Datasheet
370Kb / 12P
   Spectrum Analyzers
logo
B&K Precision Corporati...
2680 BK-2680 Datasheet
3Mb / 6P
   Spectrum Analyzers
logo
TEKTRONIX, INC.
RSA500A TEKTRONIX-RSA500A Datasheet
2Mb / 36P
   Spectrum Analyzer
logo
Lumins Inc.
STR100 LUMINIS-STR100 Datasheet
447Kb / 2P
   SPECTRUM 100
logo
TEKTRONIX, INC.
RSA306B TEKTRONIX-RSA306B Datasheet
1Mb / 26P
   Spectrum Analyzer
logo
List of Unclassifed Man...
SSA3032XPLUS ETC1-SSA3032XPLUS Datasheet
1Mb / 20P
   Spectrum Analyzer
2011/65/EU
logo
Zilog, Inc.
Z87000 ZILOG-Z87000 Datasheet
205Kb / 50P
   Spread Spectrum Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com