Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82500C0000A010 Datasheet(PDF) 3 Page - TDK Electronics

Part # B82500C0000A010
Description  Inductors VHF chokes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82500C0000A010 Datasheet(HTML) 3 Page - TDK Electronics

  B82500C0000A010 Datasheet HTML 1Page - TDK Electronics B82500C0000A010 Datasheet HTML 2Page - TDK Electronics B82500C0000A010 Datasheet HTML 3Page - TDK Electronics B82500C0000A010 Datasheet HTML 4Page - TDK Electronics B82500C0000A010 Datasheet HTML 5Page - TDK Electronics B82500C0000A010 Datasheet HTML 6Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
06/12
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and measuring conditions
Mounting information
When bending the leads, take care that the bending point is at least 3 mm apart from the face ends
of the core and that the start-of-winding areas are not subjected to any mechanical stress.
Characteristics and ordering codes
Test voltage Vtest
1500 V AC, 2 s
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A at 100 kHz, 1 V, +20 °C
Inductance tolerance
20%
Rated temperature TR
+60 °C
Rated current IR
Maximum permissible DC current at rated temperature
DC resistance Rtyp
Measured at +20 C, tolerance 20%, typical values
Resonance frequency fres
Measured with Agilent 4294A or 8753ES, +20 °C,
tolerance 30%
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245 5) °C, (3 0.3) s
Wetting of soldering area
90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(wave soldering)
+(260 5) °C, 10 s
(to IEC 60068-2-20, Test Tb)
Tensile strength of leads
30 N (to IEC 60068-2-21, test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +125 °C
Packaged: –25 °C … +40 °C,
75% RH
Weight
Approx. 7 g
IR
A
LR
H
Rtyp
fres
MHz
Ordering code
0.2
3900
20
1.8
B82500C0000A002
0.5
820
2.5
3.0
B82500C0000A005
1.0
330
0.6
4.2
B82500C0000A008
2.0
120
0.15
5.8
B82500C0000A010
B82500
VHF chokes


Similar Part No. - B82500C0000A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82500C0000A010 EPCOS-B82500C0000A010 Datasheet
104Kb / 6P
   Inductors
More results

Similar Description - B82500C0000A010

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82111B EPCOS-B82111B_10 Datasheet
110Kb / 7P
   Inductors VHF chokes
B82111BC16 EPCOS-B82111BC16 Datasheet
519Kb / 7P
   VHF chokes
logo
TDK Electronics
B82131A5151M000 TDK-B82131A5151M000 Datasheet
554Kb / 9P
   VHF chokes
logo
EPCOS
B82111E EPCOS-B82111E Datasheet
106Kb / 7P
   VHF chokes
logo
TDK Electronics
B82111B0000C011 TDK-B82111B0000C011 Datasheet
531Kb / 7P
   VHF chokes
logo
Eichhoff Electronics,In...
DZA010 EICHHOFF-DZA010 Datasheet
90Kb / 2P
   UKW Drosseln VHF chokes Selfs O.U.C.
logo
EPCOS
B82143A EPCOS-B82143A Datasheet
199Kb / 9P
   Chokes and inductors
B82111B EPCOS-B82111B Datasheet
112Kb / 6P
   Chokes and inductors
B78108S EPCOS-B78108S Datasheet
223Kb / 10P
   Chokes and inductors
B82131 EPCOS-B82131 Datasheet
108Kb / 7P
   Chokes and inductors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com