Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B41690A7188Q001 Datasheet(PDF) 10 Page - TDK Electronics

Part # B41690A7188Q001
Description  Axial-lead and soldering star capacitors
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B41690A7188Q001 Datasheet(HTML) 10 Page - TDK Electronics

Back Button B41690A7188Q001 Datasheet HTML 6Page - TDK Electronics B41690A7188Q001 Datasheet HTML 7Page - TDK Electronics B41690A7188Q001 Datasheet HTML 8Page - TDK Electronics B41690A7188Q001 Datasheet HTML 9Page - TDK Electronics B41690A7188Q001 Datasheet HTML 10Page - TDK Electronics B41690A7188Q001 Datasheet HTML 11Page - TDK Electronics B41690A7188Q001 Datasheet HTML 12Page - TDK Electronics B41690A7188Q001 Datasheet HTML 13Page - TDK Electronics B41690A7188Q001 Datasheet HTML 14Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
1) Refer to chapter "General technical information, 5 Useful life" on how to interpret useful life.
Useful life1)
depending on ambient temperature TA under ripple current operating conditions at Vop
VR = 25 V: Vop
≤ 20 V; V
R = 35 V: Vop
≤ 30 V;
VR = 40 V: Vop
≤ 35 V
Useful life1)
depending on case temperature TC under ripple current operating conditions at Vop
VR = 25 V: Vop
≤ 20 V; V
R = 35 V: Vop
≤ 30 V;
VR = 40 V: Vop
≤ 35 V
B41690, B41790
Ultra compact
up to 140
°C
Page 10 of 18
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B41690A7188Q001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B41690A7188Q001 TDK-B41690A7188Q001 Datasheet
632Kb / 18P
   Aluminum electrolytic capacitors
More results

Similar Description - B41690A7188Q001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
logo
TDK Electronics
B41791A5108Q001 TDK-B41791A5108Q001 Datasheet
434Kb / 17P
   Axial-lead and soldering star capacitors
B41792C0108Q001 TDK-B41792C0108Q001 Datasheet
444Kb / 18P
   Axial-lead and soldering star capacitors
B41789K7208Q001 TDK-B41789K7208Q001 Datasheet
407Kb / 19P
   Axial-lead and soldering star capacitors
logo
EPCOS
B41692 EPCOS-B41692 Datasheet
553Kb / 16P
   Axial-lead and soldering star capacitors
B41693 EPCOS-B41693 Datasheet
183Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B41695 EPCOS-B41695 Datasheet
182Kb / 10P
   Axial-Lead and Soldering Star Capacitors
B43693 EPCOS-B43693 Datasheet
157Kb / 8P
   Axial-lead and Soldering Star Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com