Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5207 Datasheet(PDF) 3 Page - International Rectifier

Part # 2N5207
Description  25 and 35 Amp RMS SCRs?
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

2N5207 Datasheet(HTML) 3 Page - International Rectifier

  2N5207 Datasheet HTML 1Page - International Rectifier 2N5207 Datasheet HTML 2Page - International Rectifier 2N5207 Datasheet HTML 3Page - International Rectifier 2N5207 Datasheet HTML 4Page - International Rectifier 2N5207 Datasheet HTML 5Page - International Rectifier 2N5207 Datasheet HTML 6Page - International Rectifier 2N5207 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image


Similar Part No. - 2N5207

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N5207 KNOX-2N5207 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs
logo
International Rectifier
2N5207 IRF-2N5207 Datasheet
219Kb / 7P
   25 AND 35 AMP RMS SCRS
logo
New Jersey Semi-Conduct...
2N5207 NJSEMI-2N5207 Datasheet
263Kb / 2P
   MAXIMUM ALLOWABLE RATINGS
logo
Digitron Semiconductors
2N5207 DIGITRON-2N5207 Datasheet
3Mb / 7P
   SILICON CONTROLLED RECTIFIER
More results

Similar Description - 2N5207

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
2N681 KNOX-2N681 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs
logo
International Rectifier
2N686 IRF-2N686 Datasheet
219Kb / 7P
   25 AND 35 AMP RMS SCRS
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
logo
International Rectifier
2N3091 IRF-2N3091 Datasheet
239Kb / 6P
   110 AMP RMS SCRS
logo
Littelfuse
S6035JTP LITTELFUSE-S6035JTP Datasheet
195Kb / 7P
   35 Amp Standard SCRs
logo
New Jersey Semi-Conduct...
MCR68 NJSEMI-MCR68 Datasheet
128Kb / 2P
   SCRs 12 and 25 AMPERES RMS 50 thru 400 VOLTS
logo
ON Semiconductor
MCR225-8FP ONSEMI-MCR225-8FP Datasheet
87Kb / 6P
   ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS
August, 2006 ??Rev. 3
logo
Littelfuse
SVXX25XX LITTELFUSE-SVXX25XX Datasheet
442Kb / 8P
   25 Amp High Junction Temperature SCRs
06/16/21
S8015L56 LITTELFUSE-S8015L56 Datasheet
988Kb / 8P
   15 and 16 Amp Standard SCRs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com