Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD2470 Datasheet(PDF) 2 Page - Rohm

Part # 2SD2470
Description  High-gain Amplifier Transistor (32V, 0.3A)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SD2470 Datasheet(HTML) 2 Page - Rohm

  2SD2470 Datasheet HTML 1Page - Rohm 2SD2470 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Appendix
Appendix1-Rev1.0
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level of
reliability and the malfunction of with would directly endanger human life (such as medical instruments,
transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other
safety devices), please be sure to consult with our sales representative in advance.
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document use silicon as a basic material.
Products listed in this document are no antiradiation design.
About Export Control Order in Japan
Products described herein are the objects of controlled goods in Annex 1 (Item 16) of Export Trade Control
Order in Japan.
In case of export from Japan, please confirm if it applies to "objective" criteria or an "informed" (by MITI clause)
on the basis of "catch all controls for Non-Proliferation of Weapons of Mass Destruction.


Similar Part No. - 2SD2470

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SD2470 UTC-2SD2470 Datasheet
36Kb / 3P
   STROBO AND DC/DC CONVERTERS
logo
Jiangsu Changjiang Elec...
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SD2470-E-T9S-K UTC-2SD2470-E-T9S-K Datasheet
36Kb / 3P
   STROBO AND DC/DC CONVERTERS
2SD2470-S-T9S-K UTC-2SD2470-S-T9S-K Datasheet
36Kb / 3P
   STROBO AND DC/DC CONVERTERS
2SD2470-X-T9S-K UTC-2SD2470-X-T9S-K Datasheet
36Kb / 3P
   STROBO AND DC/DC CONVERTERS
More results

Similar Description - 2SD2470

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB852K ROHM-2SB852K Datasheet
73Kb / 4P
   High-gain Amplifier Transistor (-32V, -0.3A)
2SD1383K ROHM-2SD1383K Datasheet
72Kb / 4P
   High-gain Amplifier Transistor (32V, 0.3A)
2SD1383K-2 ROHM-2SD1383K-2 Datasheet
86Kb / 3P
   High-gain Amplifier Transistor (32V , 0.3A)
2SD1383K ROHM-2SD1383K_1 Datasheet
75Kb / 3P
   High-gain Amplifier Transistor (32V , 0.3A)
2SC2062S ROHM-2SC2062S Datasheet
70Kb / 3P
   High-gain Amplifier Transistor ( 32V, 0.3A)
2SD2142KT146 ROHM-2SD2142KT146 Datasheet
61Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2142K ROHM-2SD2142K_1 Datasheet
82Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
2SD2142K ROHM-2SD2142K Datasheet
70Kb / 3P
   High-gain Amplifier Transistor (30V, 0.3A)
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com