Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82144F1102K000 Datasheet(PDF) 4 Page - TDK Electronics

Part # B82144F1102K000
Description  Inductors RF chokes, LBC series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

B82144F1102K000 Datasheet(HTML) 4 Page - TDK Electronics

  B82144F1102K000 Datasheet HTML 1Page - TDK Electronics B82144F1102K000 Datasheet HTML 2Page - TDK Electronics B82144F1102K000 Datasheet HTML 3Page - TDK Electronics B82144F1102K000 Datasheet HTML 4Page - TDK Electronics B82144F1102K000 Datasheet HTML 5Page - TDK Electronics B82144F1102K000 Datasheet HTML 6Page - TDK Electronics B82144F1102K000 Datasheet HTML 7Page - TDK Electronics B82144F1102K000 Datasheet HTML 8Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RF chokes
B82144F
LBC series, 6.5 x 9.2 (mm)
Datasheet
Technical data and measuring conditions
Rated inductance LR
Measured with LCR meter Agilent 4284A
or impedance analyzer Agilent 4294A
Measuring frequency:
LR ≤ 10 µH
=
1 MHz
10 µH < LR ≤ 4700µH
=
100 kHz
LR > 4700µH
=
10 kHz
Measuring current:
≤ 1 mA
Measuring temperature: +20 ºC
Q factor Qmin
Measured with precision impedance analyzer Agilent 4294A,
+20 °C
Rated temperature TR
+40 °C
Rated current IR
Maximum permissible DC current at rated temperature
Inductance decrease ΔL/L0
≤ 10% (referred to initial value) at IR, +20 ºC
DC resistance Rmax
Measured at +20 ºC
Resonance frequency fres,min
Measured with Agilent 4294A or 8753ES, +20 °C
Solderability (lead-free)
Sn95.5Ag3.8Cu0.7: +(245 ±5) °C, (+3 ±0.3) s
Wetting of soldering area ≥ 90%
(to IEC 60068-2-20, test Ta)
Resistance to soldering heat
(+260 ±5)°C, +10 s (to IEC 60068-2-20. test Tb)
Tensile strength of leads
≥ 20 N (to IEC 60068-2-21. test Ua)
Climatic category
55/125/56 (to IEC 60068-1)
Storage conditions
Mounted:
–55 °C … +125 °C
Packaged: –25 °C … +40 °C, ≤ 75% RH
Weight
Approx. 0.95 g
Mounting information
When bending the leads, take care that the start-of-winding areas at the face ends (protected by
glue and lacquer) are not subjected to any mechanical stress.
Please read Cautions and warnings and
Important notes at the end of this document.
4
06/12


Similar Part No. - B82144F1102K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F1102K000 TDK-B82144F1102K000 Datasheet
453Kb / 8P
   RF chokes, LBC series
More results

Similar Description - B82144F1102K000

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82144F2393J000 TDK-B82144F2393J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144F2823J000 TDK-B82144F2823J000 Datasheet
411Kb / 9P
   Inductors RF chokes, LBC series
B82144A2102K000 TDK-B82144A2102K000 Datasheet
610Kb / 9P
   RF chokes, LBC series
B82144B2153K000 TDK-B82144B2153K000 Datasheet
451Kb / 9P
   RF chokes, LBC series
B82144F1105J000 TDK-B82144F1105J000 Datasheet
453Kb / 8P
   RF chokes, LBC series
logo
EPCOS
B82144A EPCOS-B82144A Datasheet
194Kb / 9P
   Chokes and inductors For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B82145A1104J000 TDK-B82145A1104J000 Datasheet
581Kb / 8P
   Inductors RF chokes, HLBC series
logo
EPCOS
B78108S1105J EPCOS-B78108S1105J Datasheet
598Kb / 9P
   Inductors RF chokes, BC series
B82144A2106J EPCOS-B82144A2106J Datasheet
195Kb / 9P
   For high frequency and EMC RF chokes, LBC series, axial
logo
TDK Electronics
B78148E1101M000 TDK-B78148E1101M000 Datasheet
550Kb / 8P
   RF chokes, BC series
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com