Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAT54WS Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # BAT54WS
Description  Low forward voltage
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BAT54WS Datasheet(HTML) 1 Page - Nanjing International Group Co

  BAT54WS Datasheet HTML 1Page - Nanjing International Group Co BAT54WS Datasheet HTML 2Page - Nanjing International Group Co BAT54WS Datasheet HTML 3Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAT54WS
SCHOTTKY BARRIER DIODE
Features
• Low forward voltage
• Guard ring protected
• Small plastic SMD SOD-323 package
Applications
• Ultra high-speed switching
• Voltage clamping
• Protection circuits
Absolute Maximum Ratings (Ta = 25 OC)
Parameter
Symbol
Value
Unit
Reverse Voltage
VR
30
V
Forward Current
IF
200
mA
Repetitive Peak Forward Current
IFRM
300
mA
Peak Forward Surge Current (tp = 10 ms)
IFSM
600
mA
Power Dissipation
PD
230
mW
Thermal Resistance from Junction Ambient
RthJA
500
K/W
Junction Temperature
TJ
125
O
C
Storage Temperature Range
Ts
- 65 to + 150
O
C
Characteristics at Ta = 25 OC
Parameter
Symbol
Max.
Unit
Forward Voltage
at IF = 0.1 mA
at IF = 1 mA
at IF = 10 mA
at IF = 30 mA
at IF = 100 mA
VF
240
320
400
500
800
mV
Reverse Current
at VR = 25 V
IR
2
µA
Total Capacitance
at VR = 1 V, f = 1 MHz
CT
10
pF
Reverse Recovery Time
at IF = 10 mA, VR = 6 V, IR = 10 mA, RL = 100 Ω
trr
6
ns
Anode
2
Top View
Marking Code: "S1"
Simplified outline SOD-323 and symbol
1
S1
2
PINNING
1
PIN
Cathode
DESCRIPTION


Similar Part No. - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT54WS PANJIT-BAT54WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Diode Semiconductor Kor...
BAT54WS DSK-BAT54WS Datasheet
235Kb / 3P
   Schottky Barrier Diode
logo
Rectron Semiconductor
BAT54WS RECTRON-BAT54WS Datasheet
154Kb / 3P
   Small-Signal Schottky Diodes VOLTAGE RANGE 30 Volts CURRENT 100 mAmpere
logo
Dongguan Pingjingsemi T...
BAT54WS PJSEMI-BAT54WS Datasheet
348Kb / 3P
   Schottky Barrier Diode
logo
Gaomi Xinghe Electronic...
BAT54WS GXELECTRONICS-BAT54WS Datasheet
362Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - BAT54WS

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
SR220 MOSPEC-SR220 Datasheet
174Kb / 2P
   Low Forward Voltage
logo
Nanjing International G...
BAT54W1 DGNJDZ-BAT54W1 Datasheet
105Kb / 3P
   Low forward voltage
logo
Everlight Electronics C...
HIR89-01C-1R EVERLIGHT-HIR89-01C-1R_15 Datasheet
352Kb / 9P
   Low forward voltage
logo
Sangdest Microelectroni...
SK32AF SMC-SK32AF Datasheet
196Kb / 5P
   Low Forward Voltage
logo
Mospec Semiconductor
S08A150 MOSPEC-S08A150 Datasheet
186Kb / 2P
   Low Forward Voltage
logo
SHIKUES Electronics
1SS387 SKTECHNOLGY-1SS387 Datasheet
1Mb / 3P
   Low forward voltage
logo
Unisonic Technologies
TGBR20L45CL-TA3-T UTC-TGBR20L45CL-TA3-T Datasheet
154Kb / 3P
   Low forward voltage
logo
Bruckewell Technology L...
SD14ST BWTECH-SD14ST Datasheet
155Kb / 4P
   Low forward voltage
logo
Surge Components
BAT54WT SURGE-BAT54WT Datasheet
765Kb / 3P
   low forward voltage
logo
Mospec Semiconductor
S08A200 MOSPEC-S08A200 Datasheet
186Kb / 2P
   Low Forward Voltage
SK220 MOSPEC-SK220 Datasheet
170Kb / 2P
   Low Forward Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com