Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2060JX Datasheet(PDF) 3 Page - Semicoa Semiconductor

Part No. 2N2060JX
Description  Silicon NPN Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SEMICOA [Semicoa Semiconductor]
Homepage  http://www.semicoa.com/
Logo 

   
 3 page
background image
Copyright 2002
Semicoa Semiconductors, Inc.
Rev. G
333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541
Page 3 of 3
www.SEMICOA.com
2N2060
Silicon NPN Transistor
Data Sheet
Dynamic Characteristics
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Magnitude – Common Emitter, Short
Circuit Forward Current Transfer Ratio
|hFE|
VCE = 10 Volts, IC = 50 mA,
f = 20 MHz
3
25
Small Signal Short Circuit Forward
Current Transfer Ratio
hFE
VCE = 5 Volts, IC = 1 mA,
f = 1 kHz
50
150
Open Circuit Output Capacitance
COBO
VCB = 10 Volts, IE = 0 mA,
100 kHZ < f < 1 MHz
15
pF
Open Circuit Input Capacitance
CIBO
VEB = 0.5 Volts, IC = 0 mA,
100 kHZ < f < 1 MHz
85
pF
Noise Figure
NF1
NF2
VCE = 10 Volts, IC = 300 A,
f = 1 kHz, Rg = 510
VCE = 10 Volts, IC = 300 A,
f = 10 kHz, Rg = 1 k
8
8
dB
Short Circuit Input Impedance
hib
VCB = 5V, IC = 1mA, f = 1kHz
20
30
Short Circuit Input Impedance
hie
VCB = 5V, IC = 1mA, f = 1kHz
1
4
k
Open Circuit Output Admittance
hoe
VCB = 5V, IC = 1mA, f = 1kHz
16
mhos




Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CMPT3646NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CMST6427EENHANCED SPECIFICATION SURFACE MOUNT SUPERmini SILICON NPN DARLINGTON TRANSISTOR 1 2 Central Semiconductor Corp
CP235Power Transistor NPN - Silicon Power Transistor Chip 1 2 Central Semiconductor Corp
CZTA44NPN SILICON EXTREMELY HIGH VOLTAGE TRANSISTOR 1 2 Central Semiconductor Corp
CXT491ESURFACE MOUNT NPN SILICON TRANSISTOR 1 2 Central Semiconductor Corp
CZT3090LSURFACE MOUNT LOW VCE SAT NPN SILICON POWER TRANSISTOR 1 2 Central Semiconductor Corp
BD157Plastic Medium Power NPN Silicon Transistor 1 2 3 4 Motorola, Inc
CD9581NPN SILICON EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSC1047NPN SILICON PLANAR EPITAXIAL TRANSISTOR 1 2 3 Continental Device India Limited
CSD1833NPN SILICON EPITAXIAL POWER TRANSISTOR 1 2 3 Continental Device India Limited

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl