Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJ-038AH Datasheet(PDF) 1 Page - CUI INC

Part # PJ-038AH
Description  DC POWER JACK
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-038AH Datasheet(HTML) 1 Page - CUI INC

  PJ-038AH Datasheet HTML 1Page - CUI INC PJ-038AH Datasheet HTML 2Page - CUI INC PJ-038AH Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 04/08/2016
page 1 of 3
cui.com
MODEL: PJ-038AH
│ DESCRIPTION: DC POWER JACK
FEATURES
• 2.0 mm center pin
• 5.0 A rating
• right angle orientation
• panel mount with tabs and 2.5 mm screw holes
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
24
Vdc
rated input current
5.0
A
contact resistance1
between terminal and mating plug
between terminal in a closed circuit
50
30
mΩ
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
at 50/60Hz for 1 minute
500
Vac
insertion/withdrawal force
0.3
3
kg
terminal strength
any direction for 10 seconds
500
g
operating temperature
-25
85
°C
life
5,000
cycles
flammability rating
UL94V-0
RoHS
2011/65/EU
Note:
1. When measured at a current of less than 100 mA/1 kHz
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
wave soldering
dipped in solder pot for 5 ±0.5 seconds
255
260
265
°C
For more information, please visit the product page
|
For information on related products, view External Power Supplies


Similar Part No. - PJ-038AH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-038A CUI-PJ-038A Datasheet
388Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ-038AH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-032BH CUI-PJ-032BH Datasheet
154Kb / 3P
   DC POWER JACK
logo
Adam Technologies, Inc.
ADC-H-026-X ADAM-TECH-ADC-H-026-X Datasheet
87Kb / 1P
   DC POWER JACK
ADC-37A-X ADAM-TECH-ADC-37A-X Datasheet
83Kb / 1P
   DC POWER JACK
ADC-055-9-HT ADAM-TECH-ADC-055-9-HT Datasheet
79Kb / 1P
   DC POWER JACK
ADC-086-X ADAM-TECH-ADC-086-X Datasheet
106Kb / 1P
   DC POWER JACK
logo
CUI INC
PJ1-023 CUI-PJ1-023 Datasheet
245Kb / 3P
   DC POWER JACK
PJ-003A CUI-PJ-003A Datasheet
331Kb / 3P
   DC POWER JACK
PJ-006B CUI-PJ-006B Datasheet
60Kb / 1P
   DC POWER JACK
PJ-029C CUI-PJ-029C Datasheet
271Kb / 3P
   DC POWER JACK
PJ-014CH-SMT CUI-PJ-014CH-SMT Datasheet
128Kb / 3P
   DC POWER JACK
PJ-028-SMT CUI-PJ-028-SMT Datasheet
155Kb / 3P
   DC POWER JACK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com